Electronic Components Datasheet Search
  English  ▼

X  

PT460 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PT460
Description  Duble-end Type Phototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT460 Datasheet(HTML) 5 Page - Sharp Corporation

  PT460 Datasheet HTML 1Page - Sharp Corporation PT460 Datasheet HTML 2Page - Sharp Corporation PT460 Datasheet HTML 3Page - Sharp Corporation PT460 Datasheet HTML 4Page - Sharp Corporation PT460 Datasheet HTML 5Page - Sharp Corporation PT460 Datasheet HTML 6Page - Sharp Corporation PT460 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
L ( Ω )
1
2
500
50
10
20
100 200
5000
1000
VCE =2V
IC = 10mA
T a = 25˚C
T a = 25˚C
IC = 1mA
VCE = 20V
L ( k Ω )
5
50
5
10
20
200
100
500
1000
2
1
10
20
100
50
tf
td
t s
tr
2
1
5
10
50
20
100
tr
tf
tr
td
Output
10 %
tf
ts
tr
VCC
RL
Output Input
Output
VCC
Output
RL
Input
90 %
tf
10 %
90 %
20
Angular displacement
θ
100
+ 10˚
40
60
80
- 10˚
- 20˚
0˚
+ 20˚
- 90˚
- 80˚
- 70˚
- 60˚
- 50˚
- 40˚
- 30˚
+ 90˚
+ 80˚
+ 70˚
+ 60˚
+ 50˚
+ 40˚
+ 30˚
02
4
6
8
10
0
0.2
0.4
0.6
0.8
1.0
IC = 0.05mA
IC = 0.1mA
IC = 0.5mA
IC = 1.0mA
0
Test Circuit for Response Time
( PT460/460F/465F )
Test Circuit for Response Time
( PT461/461F )
Fig. 8 Sensitivity Diagram
(PT460 )
PT460/PT460F/PT461/PT461F/PT465F
Fig. 7-a Response Time vs.
( PT460/PT460F/465F )
Fig. 7-b Response Time vs.
( PT461/461F )
Fig. 9-a Collector-emitter Saturation
Voltage vs. Irradiance
Irradiance E e ( mW/cm
2)
Load Resistance
Load resistance R
Load Resistance
Load resistance R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com