Electronic Components Datasheet Search
  English  ▼

X  

MAX9621 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9621
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9621 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9621 Datasheet HTML 7Page - Maxim Integrated Products MAX9621 Datasheet HTML 8Page - Maxim Integrated Products MAX9621 Datasheet HTML 9Page - Maxim Integrated Products MAX9621 Datasheet HTML 10Page - Maxim Integrated Products MAX9621 Datasheet HTML 11Page - Maxim Integrated Products MAX9621 Datasheet HTML 12Page - Maxim Integrated Products MAX9621 Datasheet HTML 13Page - Maxim Integrated Products MAX9621 Datasheet HTML 14Page - Maxim Integrated Products MAX9621 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface with
Analog and Digital Outputs
13
Chip Information
PROCESS: BiCMOS
Typical Application Circuit
REMOTE
GROUND
GND
REMOTE
GROUND
N
S
N
S
0.1
µF
BAT
RSET
BATTERY: 5.5V TO 18V
OPERATING,
60V WITHSTAND
RPU
10kI
RPU
10kI
5kI
5kI
1.8V TO 5.5V
MICROPROCESSOR
ADC
ADC
SLEEP
AOUT1
AOUT2
DOUT2
DOUT1
FILTER
SLEEP-MODE
CONTROL
REFERENCE
ISET
REF
REF
BAT
BAT
FILTER
REF
0.01
µF
IN2
IN1
INPUT
SHORT
DETECTION
0.01
µF
MAX9621
100kI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com