Electronic Components Datasheet Search
  English  ▼

X  

MAX9621 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9621
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9621 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9621 Datasheet HTML 1Page - Maxim Integrated Products MAX9621 Datasheet HTML 2Page - Maxim Integrated Products MAX9621 Datasheet HTML 3Page - Maxim Integrated Products MAX9621 Datasheet HTML 4Page - Maxim Integrated Products MAX9621 Datasheet HTML 5Page - Maxim Integrated Products MAX9621 Datasheet HTML 6Page - Maxim Integrated Products MAX9621 Datasheet HTML 7Page - Maxim Integrated Products MAX9621 Datasheet HTML 8Page - Maxim Integrated Products MAX9621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface with
Analog and Digital Outputs
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VBAT = 13.6V, VSLEEP = 5V, IN1 = IN2 = no connection, RSET = 61.9kI to BAT, RPU = 10kI at DOUT1 and DOUT2, RL = 5kI to
GND at AOUT1 and AOUT2, unless otherwise noted, TA = -40NC to +125NC. Typical values are at TA = +25NC.) (Note 1)
Note 1: All DC specifications are 100% production tested at TA = +25°C. AC specifications are guaranteed by design at TA =
+25°C.
Note 2: Parameters that change with the value of the RSET resistor: IIH, IIL, IIN_HYS, ISC, tBL, tRAMP, tDEL, fMAX, and PR.
Note 3: Following power-up or startup from sleep mode, the start of the blanking period is delayed 20Fs.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Referred Current Offset
IOS
Inferred from measurements at
IIN = -5mA, -14mA
-120
+120
F
A
AOUT_ Dropout Voltage
VBAT = 5.5V,
for 5% current
reduction
IIN = -14mA
0.85
1.6
V
IIN = -20mA
1.09
1.75
AOUT_ Output Impedance
500
MI
LOGIC I/O (DOUT1, DOUT2)
Output-Voltage Low DOUT1,
DOUT2
VOL
Sink current = 1mA
0.4
V
Three-State Output Current
DOUT1, DOUT2
IOZ
VSLEEP = 0V, 0V P VDOUT_ P 5V
±1
F
A
SLEEP
Input-Voltage High
VIH
2.0
V
Input-Voltage Low
VIL
0.8
V
Input Resistance to GND
RIN
50
100
kI
AC TIMING CHARACTERISTICS
Shutdown Delay from SLEEP
Low to IN_ Shutoff
tSHDN
IIH = -14mA to GND, time from SLEEP low
to IN_ drop 500mV, CL = 20pF
33
40
46
F
s
IN_, Blanking Time at Hall
Sensor Power-Up
tBL
IIH = -14mA to GND, time from
VIN_ = 500mV until DOUT_ high, CL =
20pF (Notes 2, 3)
76
89
103
F
s
IN_, Current Ramp Rate After
Turn-On
tRAMP
IN_ = GND (Note 2)
3.6
5
6.7
mA/Fs
Delay from IN_ to DOUT_ (Filter
Delay)
tDEL
From IIH to IIL or from IIL to IIH,
CL = 20pF, Figure 1 (Note 2)
10.8
13.5
16
F
s
Delay Difference Between
Rising and Falling Edges of
Both Channels
tDM
CHALL-BYPASS = 0.01FF, IIH = -11.5mA
and IIL = -7.5mA, CL = 20pF
1
F
s
Delay Difference Between
Channels
tCC
CHALL-BYPASS = 0.01FF, IIH = -11.5mA
and IIL = -7.5mA, CL = 20pF
500
ns
Maximum Frequency on Hall
Inputs
fMAX
CHALL-BYPASS = 0.01FF, IIH = -11.5mA
and IIL = -7.5mA, CL = 20pF (Note 2)
34
39
kHz
Maximum Analog Output
Current During Short-to-GND
Fault
IMAO
-1.4
mA
IN_ Pulse Length Rejected by
Filter to DOUT_
PR
Figure 2 (Note 2)
7.8
11.5
14.6
F
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com