Electronic Components Datasheet Search
  English  ▼

X  

MAX9643 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9643
Description  60V High-Speed Precision Current-Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9643 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9643 Datasheet HTML 1Page - Maxim Integrated Products MAX9643 Datasheet HTML 2Page - Maxim Integrated Products MAX9643 Datasheet HTML 3Page - Maxim Integrated Products MAX9643 Datasheet HTML 4Page - Maxim Integrated Products MAX9643 Datasheet HTML 5Page - Maxim Integrated Products MAX9643 Datasheet HTML 6Page - Maxim Integrated Products MAX9643 Datasheet HTML 7Page - Maxim Integrated Products MAX9643 Datasheet HTML 8Page - Maxim Integrated Products MAX9643 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
MAX9643
60V High-Speed Precision Current-Sense Amplifier
RS+ to GND, RS- to GND (Note 1) .......................-3.5V to +65V
RS+ to RS-.......................................................................... Q15V
VCC to GND...........................................................-0.3V to +40V
VCC > 4.5V
OUT to GND .....................................................-0.3V to +4.5V
VEE to GND ......................................................+0.3V to -4.5V
CP1 to GND......................................................-0.3V to +4.5V
VCC ≤ 4.5V
OUT to GND ......................................... -0.3V to (VCC + 0.3V)
VEE to GND ........................................ +0.3V to (-VCC + 0.3V)
CP1 to GND.......................................... -0.3V to (VCC + 0.3V)
CP2 to GND ............................................. (VEE - 0.3V) to +0.3V
Short-Circuit Duration................................................Continuous
Continuous Input Current into Any Pin............................ Q20mA
ESD on RS+, RS- .......................................................Q4kV HBM
ESD on All Other Pins ................................................Q2kV HBM
Maximum Power Dissipation
TDFN-EP (derate 16.7mW/NC at +70NC) ................1333.3mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Lead Temperature (10s, soldering) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
TDFN
Junction-to-Ambient Thermal Resistance (BJA)......... 60NC/W
Junction-to-Case Thermal Resistance (BJC) .............. 11NC/W
ABSOLUTE MAXIMUM RATINGS
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 2)
ELECTRICAL CHARACTERISTICS
(VCC = 5V, VRS+ = VRS- = 12V, TA = -40NC to +125NC, unless otherwise noted.) (Note 3)
Note 1: Voltages below -3.5V are allowed, as long as the input current is limited to 5mA by an external resistor.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Input Common-Mode Voltage
Range
VRS+, VRS-
VCC R 5V, guaranteed by CMRR test,
VSENSE P 100mV
-1.5
+60
V
VCC < 5V, guaranteed by CMRR test,
VSENSE P 100mV
3.5 -
VCC
60
Input Offset Voltage (Notes 4, 5)
VOS
TA = +25NC
10
50
F
V
-40NC < TA <+125NC
400
Common-Mode Rejection Ratio
(Note 5)
CMRR
-1.5V P VCM P 60V, TA = +25NC
120
130
dB
-1.5V P VCM P 60V, -40NC P TA P +125NC
110
CMRR vs. Frequency (Note 5)
AC CMRR f = 100kHz
90
dB
Input Bias Current
IRS+, IRS-
TA = +25NC
35
60
F
A
-40NC < TA < +125NC
60
Input Bias Current, VCC = 0V,
VRS+ = VRS- = 60V
IRS+, IRS
25
F
A
Input Offset Current (Note 6)
IRS+ - IRS-
TA = +25NC
0.02
0.15
F
A
-40NC < TA < +125NC
0.3
Maximum Sense Voltage Before
Input Saturation
FS
VCM < 2V
100
mV
VCM R 2V
MAX9643T
400
MAX9643U
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com