Electronic Components Datasheet Search
  English  ▼

X  

MAX9643 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9643
Description  60V High-Speed Precision Current-Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9643 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9643 Datasheet HTML 2Page - Maxim Integrated Products MAX9643 Datasheet HTML 3Page - Maxim Integrated Products MAX9643 Datasheet HTML 4Page - Maxim Integrated Products MAX9643 Datasheet HTML 5Page - Maxim Integrated Products MAX9643 Datasheet HTML 6Page - Maxim Integrated Products MAX9643 Datasheet HTML 7Page - Maxim Integrated Products MAX9643 Datasheet HTML 8Page - Maxim Integrated Products MAX9643 Datasheet HTML 9Page - Maxim Integrated Products MAX9643 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
����������������������������������������������������������������� Maxim Integrated Products 6
MAX9643
60V High-Speed Precision Current-Sense Amplifier
Typical Operating Characteristics (continued)
(VCC = 5V, VRS+ = VRS- = 12V, TA = -40NC to +125NC, unless otherwise noted. All devices are 100% production tested at TA = +25NC.
Temperature limits are guaranteed by design and/or characterization.)
SMALL-SIGNAL TRANSIENT RESPONSE
MAX9643 toc13
GND
GND
OUTPUT
10mV/div
200ns/div
INPUT
10mV/div
MAX9643T
LARGE-SIGNAL TRANSIENT RESPONSE
MAX9643 toc14
GND
GND
OUTPUT
100mV/div
100ns/div
INPUT
100mV/div
MAX9643T
OUTPUT HIGH-SATURATION RECOVERY
RESPONSE (INPUT SIGNAL = 4V TO 100mV)
MAX9643 toc15
VRS_
GND
INPUT
2V/div
1µs/div
OUTPUT
1V/div
MAX9643T
OUTPUT LOW-SATURATION RECOVERY
RESPONSE (INPUT SIGNAL = 0V TO 20mV)
MAX9643 toc16
VRS_
GND
INPUT
20mV/div
200ns/div
OUTPUT
50mV/div
MAX9643T
STARTUP DELAY
(VSENSE = 200mV)
MAX9643 toc17
GND
GND
VCC
5V/div
100µs/div
OUTPUT
500mV/div
MAX9643T
INPUT SENSE VOLTAGE SATURATION
(VCM = 12V)
MAX9643 toc18
GND
GND
VSENSE
1V/div
200µs/div
OUTPUT
1V/div
MAX9643T
INPUT SENSE VOLTAGE SATURATION
(VCM = 1.5V)
MAX9643 toc19
GND
GND
VSENSE
500mV/div
200µs/div
OUTPUT
200mV/div
MAX9643T
CHARGE-PUMP NOISE
MAX9643 toc20
GND
CP1
2V/div
1µs/div
OUTPUT
20mV/div
MAX9643T
COMMON MODE
(VCM = 0V TO 10V)
MAX9643 toc21
GND
GND
VCM
5V/div
20ns/div
OUTPUT
200mV/div
MAX9643T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com