Electronic Components Datasheet Search
  English  ▼

X  

PT495F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PT495F
Description  Intermediate Acceptance High Sensitivity Phototransistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT495F Datasheet(HTML) 1 Page - Sharp Corporation

  PT495F Datasheet HTML 1Page - Sharp Corporation PT495F Datasheet HTML 2Page - Sharp Corporation PT495F Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V CEO
35
V
V ECO
6V
IC
50
mA
PC
75
mW
T opr
˚C
T stg
˚C
T sol
260
˚C
(Unit : mm)
(Ta=25˚C)
Intermediate Acceptance
High Sensitivity Phototransistor
Features
Applications
Outline Dimensions
1. Epoxy resin package type
2. Compact
1. VCRs
2. Optoelectronic switches
Absolute Maximum Ratings
*1 1 For 3 seconds at the position of 1.4 mm from the resin edge
Parameter
Symbol
Rating
Unit
*1
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector power dissipation
Operating temperature
Storage temperature
-25 to + 85
-40 to + 85
PT495F
PT495F
5 . Visible light cut-off type
4. Long lead pin type
MAX. lead length of 51.5 mm
acceptable to order
(
)
(Note) MAX. lead length of 51.5 mm acceptable to order
Soldering temperature
3. Intermediate acceptance (
∆θ : TYP.± 40˚ )
2 Collector
1 Emitter
2
1
2-0.4
+ 0.15
- 0.05
Visible light cut-off
resin (black)
1.55
1.15
0.75
2.8
R1.25±0.1
3.0
2-C0.5
(1.7 )
( 2-0.6 )
(2.54)
2-0.8
2-0.45
+ 0.15
- 0.05
1
2
2.8
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s
s


Similar Part No. - PT495F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT491 SHARP-PT491 Datasheet
66Kb / 4P
Intermediate Acceptance High Sensitivity Phototransistor
PT491F SHARP-PT491F Datasheet
66Kb / 4P
Intermediate Acceptance High Sensitivity Phototransistor
PT493 SHARP-PT493 Datasheet
66Kb / 4P
Intermediate Acceptance High Sensitivity Phototransistor
PT493F SHARP-PT493F Datasheet
66Kb / 4P
Intermediate Acceptance High Sensitivity Phototransistor
PT493FE0000F SHARP-PT493FE0000F Datasheet
801Kb / 8P
Opaque Resin, Medium Directivity Angle, Long Terminal Darlington Phototransistor
More results

Similar Description - PT495F

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3122 NTE-NTE3122 Datasheet
19Kb / 2P
Phototransistor Silicon NPN, Narrow Acceptance, High Sensitivity, Darlington
NTE3123 NTE-NTE3123 Datasheet
20Kb / 2P
Phototransistor Silicon NPN, Intermediate Acceptance, High Sensitivity, Darlington
logo
Sharp Corporation
PT480 SHARP-PT480 Datasheet
54Kb / 4P
Narrow Acceptance Phototransistor
PT481 SHARP-PT481 Datasheet
66Kb / 4P
Narrow Acceptance High Sensitivity Phototransistor
PT491 SHARP-PT491 Datasheet
66Kb / 4P
Intermediate Acceptance High Sensitivity Phototransistor
PT501 SHARP-PT501 Datasheet
63Kb / 4P
TO-18 Type Narrow Acceptance Phototransistor
PT431 SHARP-PT431 Datasheet
153Kb / 4P
NARROW ACCEPTANCE, HIGH SENSITIVITY PHOTOTRANSISTOR
PT430 SHARP-PT430 Datasheet
154Kb / 4P
Narrow Acceptance Phototransistor
PT361 SHARP-PT361 Datasheet
114Kb / 3P
COMPACT TYPE INTERMEDIATE ACCEPTANCE PHOTOTRANSISTOR
logo
Hamamatsu Corporation
S4404-01 HAMAMATSU-S4404-01 Datasheet
190Kb / 2P
High sensitivity phototransistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com