Electronic Components Datasheet Search
  English  ▼

X  

PT495F Datasheet(PDF) 3 Page - Sharp Corporation

Part # PT495F
Description  Intermediate Acceptance High Sensitivity Phototransistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT495F Datasheet(HTML) 3 Page - Sharp Corporation

  PT495F Datasheet HTML 1Page - Sharp Corporation PT495F Datasheet HTML 2Page - Sharp Corporation PT495F Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ta = 25˚C
IC = 5mA
VCE =2V
01234567
0
5
10
15
20
25
30
35
40
45
50
Ta = 25˚C
Ee =
PC (MAX.)
500
600
700
800
900
1000
1100
1200
0
20
40
60
80
100
Ta = 25˚C
10
100
1000
10
100
5000
1
1000
tr
tf
ts
td
td
tr
VCC
RL
tf
10%
ts
90%
0
- 80˚
- 90˚
- 60˚
- 70˚
- 50˚
- 40˚
- 30˚
+ 80˚
+ 90˚
+ 10˚
80
20
40
60
- 10˚
- 20˚
0˚
100
+ 70˚
+ 60˚
+ 50˚
+ 40˚
+ 20˚
+ 30˚
(Ta = 25˚C)
Test Circuit for Response Time
Collector-emitter voltage VCE (V)
Wavelength
λ (nm)
Load resistance R L (
Ω )
Output Input
Output
Angular displacement
θ
PT495F
Fig. 5 Collector Current vs. Collector-emitter voltage
Fig. 6 Spectral Sensitivity
Fig. 7 Response Time vs. Load Resistance
Fig. 8 Radiation Diagram
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.1
0.01
1
Ta = 25˚C
Irradiance Ee ( mW/cm2)
Please refer to the chapter "Precautions for Use". (Page 78 to 93)
Fig. 9 Collector-emitter Saturation Voltage
vs. Irradiance
0.25mW/cm
2
0.2mW/cm
2
0.5mW/cm
2
0.15mW/cm
2
0.1mW/cm
2
q



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com