Electronic Components Datasheet Search
  English  ▼

X  

PT550F Datasheet(PDF) 2 Page - Sharp Corporation

Part # PT550F
Description  TO-18 Type Phototransistor with Base Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT550F Datasheet(HTML) 2 Page - Sharp Corporation

  PT550F Datasheet HTML 1Page - Sharp Corporation PT550F Datasheet HTML 2Page - Sharp Corporation PT550F Datasheet HTML 3Page - Sharp Corporation PT550F Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
125
0
25
50
75
100
125
150
175
Ambient temperature Ta (˚C)
- 25 0
25
50
75
100
10 -11
5
10 -10
5
10 -9
5
10 -8
5
10 -7
5
10 -6
5
10 -5
5
10 -4
5 VCE = 10V
Ambient temperature Ta (˚C)
- 25
0
25
50
75
100
125
0
50
100
150
200
250
300
350
Irradiance E e ( mW/cm
2)
10-2
10-1
100
101
VCE =5V
T a = 25˚C
52
52
10-1
2
5
2
5
2
5
5
Irradiance E e ( mW/cm
2)
10 -1
10-1
2
510-0
25
2
VCE =5V
T a = 25˚C
5
101
100
5
2
2
Collector-emitter voltage V CE (V)
0
5
10
15
0.1
1
10
0.05
0.2
0.5
2
5
20
T a = 25˚C
Ee = 0.1mW/cm
2
0.05mW/cm2
0.02mW/cm2
0.01mW/cm2
PT550/PT550F
Fig. 1 Collector Power Dissipation vs.
Ambient Temperature
Fig. 2 Collector Dark Current vs.
Ambient Temperature
Fig. 3 Relative Collector Current vs.
Ambient Temperature
(PT550 )
(PT550F )
(PT550 )
Fig.4-a Collector Current vs.
Irradiance
Fig.5-a Collector Current vs.
Collector-emitter Voltage
Fig.4-b Collector Current vs.
Irradiance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com