Electronic Components Datasheet Search
  English  ▼

X  

PT550F Datasheet(PDF) 3 Page - Sharp Corporation

Part # PT550F
Description  TO-18 Type Phototransistor with Base Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT550F Datasheet(HTML) 3 Page - Sharp Corporation

  PT550F Datasheet HTML 1Page - Sharp Corporation PT550F Datasheet HTML 2Page - Sharp Corporation PT550F Datasheet HTML 3Page - Sharp Corporation PT550F Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Collector-emitter voltage V CE (V)
0
5
10
15
0.1
1
10
0.05
0.2
0.5
2
5
20
T a = 25˚C
IC = 1mA
VCE
Ta = 25˚C
Ee = 1.0mW/cm2
0.5mW/cm2
0.2mW/cm2
0.1mW/cm2
Wavelength
λ ( nm )
400
600
800
1000
1200
0
20
40
60
80
100
T a = 25˚C
0.1
1
100
1000
0.01 0.02
0.05
0.2
0.5
2
5
10
20
50
200
500
2000
tr
tf
Test Circuit for Response Time
tr
Output
VCC
Output
RL
Input
tf
10 %
90 %
(PT550F )
- 80˚
- 90˚
- 60˚
- 70˚
- 50˚
- 40˚
- 30˚
+ 80˚
+ 90˚
+ 10˚
80
20
40
60
- 10˚
- 20˚
0˚
100
+ 70˚
+ 60˚
+ 50˚
+ 40˚
+ 20˚
+ 30˚
0
Angular displacement
θ
- 80˚
- 90˚
- 60˚
- 70˚
- 50˚
- 40˚
- 30˚
+ 80˚
+ 90˚
+ 10˚
80
20
40
60
- 10˚
- 20˚
0˚
100
+ 70˚
+ 60˚
+ 50˚
+ 40˚
+ 20˚
+ 30˚
0
Angular displacement
θ
(PT550)(PT550F)
(Ta = 25˚C)(Ta = 25˚C)
= 15V
Fig.5-b Collector Current vs.
Collector-emitter Voltage
Fig. 6 Spectral Sensitivity
Fig.8-a Sensitivity Diagram
Fig.8-b Sensitivity Diagram
PT550/PT550F
Fig. 7 Response Time vs. Load Resistance
Load resistance R L ( k Ω )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com