Electronic Components Datasheet Search
  English  ▼

X  

S101D02 Datasheet(PDF) 2 Page - Sharp Corporation

Part # S101D02
Description  16-Pin DIP Type SSR for Low Power Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S101D02 Datasheet(HTML) 2 Page - Sharp Corporation

  S101D02 Datasheet HTML 1Page - Sharp Corporation S101D02 Datasheet HTML 2Page - Sharp Corporation S101D02 Datasheet HTML 3Page - Sharp Corporation S101D02 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s Electrical Characteristics
(Ta = 25˚C )
S101D01/S101D02/S201D01/S201D02
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
40
85
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
0
10
20
30
40
50
60
70
80
55
85
200
50
20
5
2
1
100
10
Forward voltage VF (V)
0.5
0
1.0
1.5
2.0
2.5
3.0
Ambient temperature Ta (˚C)
- 30
0
20
40
60
80
100
0
2
4
6
8
10
12
Fig. 1 RMS ON-state Current vs.
Ambient Temperature
Fig. 2 Forward Current vs.
Ambient Temperature
Fig. 3 Forward Current vs.
Forward Voltage
Fig. 4 Minimum Trigger Current vs.
Ambient Temperature
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Reverse current
IR
V R =3V
-
-
10 -5
A
Output
Repetitive
peak OFF-state
current
I DRM
V DRM = 400V
-
-
10 -4
A
VDRM = 600V
-
-
10 -4
A
ON-state voltage
V T
IT = 1.2A
-
-
1.7
V
Holding current
IH
-
-
25
mA
Zero-cross voltage
V OX
-
-
35
V
Critical rate of
rise of OFF-state
voltage
2
V DRM = 1/
• 400V
200
-
-
V/
µ s
2
V DRM = 1/
• 600V
100
-
-
V/
µ s
Transfer
charac-
teristics
Minimum trigger current
I FT
V D = 6V, R L = 100
Ω
-
-
10
mA
Isolation resistance
R ISO
5 x 1010
1011
-
Ω
Turn-on time
t on
VD = 6V, RL = 100
Ω , IF = 20mA
-
-
100
µs
( S101D01)
S101D01 / S101D02
S201D01 / S201D02
S101D02 / S201D02
S101D01 / S101D02
S201D01 / S201D02
V D =6V
DC500V, 40 to 60% RH
VD =6V
RL = 100 Ω
dV/dt
Resistance load, I F = 15mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com