Electronic Components Datasheet Search
  English  ▼

X  

S101D02 Datasheet(PDF) 4 Page - Sharp Corporation

Part # S101D02
Description  16-Pin DIP Type SSR for Low Power Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S101D02 Datasheet(HTML) 4 Page - Sharp Corporation

  S101D02 Datasheet HTML 1Page - Sharp Corporation S101D02 Datasheet HTML 2Page - Sharp Corporation S101D02 Datasheet HTML 3Page - Sharp Corporation S101D02 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
S101D01/S101D02/S201D01/S201D02
Forward current I F ( mA )
20
20
10
30
40
50
100
10
30
40
50
100
Forward current I F ( mA )
20
30
100
10
30
40
50
100
20
40
50
200
Load
ZS
SSR
2
D1
R1
+ VCC
( 1) DC Drive
( 2) Pulse Drive
s Basic Operation Circuit
Fig.11 Turn-on Time vs. Forward Current
Fig.12 Turn-on Time vs. Forward Current
ZS : Surge absorption circuit
( 3) Phase Control
( Precautions for Use )
heat radiation from the mounted SSR.
pattern around increases the change of being affected by external noise.
1) All pins must be soldered since they are also used as heat sinks
( heat radiation fins ) . In designing, take into the
(S101D02 , S201D02 )(S201D01)
AC 100V (S101D01 / S101D02 )
AC 200V (S201D01 / S201D02 )
Notes 1 ) If large amount of surge is loaded onto V CC or the driver circuit, add a diode D 1
2 ) Be sure to install a surge absorption circuit.
An appropriate circuit must be chosen according to the load
( for CR, choose its constant ) . This must be
carefully done especially for an inductive load.
3 ) For phase control, adjust such that the load current immediately after the input signal is applied will be
Tr1
V
AC supply voltage
Input signal
Load current
( for resistance load)
more than 60mA.
designing mounting pattern. The rounded part of Pin 15 ( gate ) must be as small as possible. Pulling the gate
2) For higher radiation efficiency that allows wider thermal margin, secure a wider round pattern for Pin 13 when
9
VD=6V
RL= 100Ω
Ta= 25˚C
VD=6V
RL= 100Ω
Ta= 25˚C
between terminals 2
and 3 to prevent reverse bias from being applied to the infrared LED.
3) As for other general cautions, refer to the chapter “ Precautions for Use ”
1
3
13
11



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com