Electronic Components Datasheet Search
  English  ▼

X  

S21ME5 Datasheet(PDF) 3 Page - Sharp Corporation

Part # S21ME5
Description  Phototriac Coupler Conformable to European Safety Standard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S21ME5 Datasheet(HTML) 3 Page - Sharp Corporation

  S21ME5 Datasheet HTML 1Page - Sharp Corporation S21ME5 Datasheet HTML 2Page - Sharp Corporation S21ME5 Datasheet HTML 3Page - Sharp Corporation S21ME5 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
- 30
0.7
0
20406080
100
0.8
0.9
1.0
1.1
1.2
1.3
S11ME6
S11ME5
S21ME6/6F
S21ME5/5F
Fig. 5 Relative Repetitive Peak OFF-State
Voltage vs. Ambient Temperature
1.0
1.2
- 30
0
20
100
1.4
1.6
1.8
2.0
2.2
40
60
80
S11ME5
S11ME6
Fig. 6 ON-state Voltage vs.
Ambient Temperature
S21ME6/6F
S21ME5/5F
Ambient temperature T a (˚C)
100
0.1
0.2
0.5
1
2
5
20
80
60
40
20
0
S11ME5
10
S11ME6
S21ME6/6F
S21ME5/5F
Ambient temperature T a (˚C)
Fig. 7 Holding Current vs.
Ambient Temperature
2
100
200
300
400
500
600
5
2
5
vs. OFF-state Voltage
10-9
10 -10
10 -11
2
2
100
200
300
400
500
600
5
2
5
vs. OFF-state Voltage
D ( V )
2
-30
0
100
20
40
60
80
S11ME5
Ambient temperature T a (˚C)
S21ME5/5F
vs. Ambient Temperature
Ambient temperature T a (˚C)
(S21ME5/S21ME5F)
D ( V )
(S21ME6/S21ME6F)
10 -6
10 -7
10 -11
10-7
10-8
10-9
10-10
10-11
10-12
OFF-state voltage V
Fig. 9-a Repetitive Peak OFF-state Current
(S11ME5/S21ME5/S21ME5F)
Fig. 8-a Repetitive Peak OFF-state Current
Fig. 8-b Repetitive Peak OFF-state Current
OFF-state voltage V
IT = 100mA
VD =6V
Ta = 25˚C
Ta = 25˚C
VD = Rated
S11ME5/S11ME6/S21ME5/S21ME5F/S21ME6/S21ME6F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com