Electronic Components Datasheet Search
  English  ▼

X  

S21ME5 Datasheet(PDF) 4 Page - Sharp Corporation

Part # S21ME5
Description  Phototriac Coupler Conformable to European Safety Standard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S21ME5 Datasheet(HTML) 4 Page - Sharp Corporation

  S21ME5 Datasheet HTML 1Page - Sharp Corporation S21ME5 Datasheet HTML 2Page - Sharp Corporation S21ME5 Datasheet HTML 3Page - Sharp Corporation S21ME5 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
-30
0
100
20
40
60
80
S11ME6
S21ME6/6F
vs. Ambient Temperature
100
1
1
10
10
S11ME5
S11ME6
100
100
80
60
40
20
0
- 30
30
25
20
Fig11. Zero-cross Voltage vs.
Ambient Temperature
0
10
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
20
30
40
50
60
70
80
90
100
S11ME6
S11ME5
IF = 15mA
T a = 25˚C
S21ME6/6F
S21ME5/5F
(S11ME6/S21ME6/S21ME6F)
R load
IF = 15mA
(S11ME6/S21ME6/S21ME6F)
Fig.12 ON-state Current vs.
ON-state Voltage
10-4
10-5
10-9
10-10
10-11
10-12
Fig.10 Turn-on Time vs. Forward Current
Fig. 9-b Repetitive Peak OFF-state Current
S21ME5/5F
VD = Rated
IF = 20mA
RL = 100Ω
VD =6V
q
Please refer to the chapter “ Precautions for Use.” ( Page 78 to 93) .
S11ME5/S11ME6/S21ME5/S21ME5F/S21ME6/S21ME6F
Ambient temperature T a (˚C)
Forward current I F ( mA )
ON-state voltage V T ( V)
Ambient temperature T a ( ˚C)
S21ME6/6F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com