Electronic Components Datasheet Search
  English  ▼

X  

MMFTN20 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMFTN20
Description  N-Channel Enhancement Vertical D-MOS Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMFTN20 Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMFTN20 Datasheet HTML 1Page - Diotec Semiconductor MMFTN20 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMFTN20
MMFTN20
N
N-Channel Enhancement Vertical D-MOS Transistor
N-Kanal Vertikal D-MOS Transistor - Anreicherungstyp
N
Version 2010-09-24
Dimensions - Maße [mm]
1 = G
2 = S
3 = D
Power dissipation – Verlustleistung
300 mW
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
MMFTN20
Drain-Source-voltage – Drain-Source-Spannung
VDS
50 V
Gate-Source-voltage – Gate-Source-Spannung
D open
VGSO
± 20 V
Power dissipation – Verlustleistung
Ptot
300 mW 1)
Power dissipation – Verlustleistung
Ptot
250 mW 2)
Drain current – Drainstrom (dc)
ID
100 mA
Peak Drain current – Drain-Spitzenstrom
IDM
300 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
1
Device mounted on a ceramic substrate 10 x 8 x 0.7 mm
Bauteil montiert auf Keramiksubstrat 10 x 8 x 0.7 mm
2
Device mounted on standard PCB material
Bauteil montiert auf Standard-Leiterplattenmaterial
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
0.4
2.9 ±0.1
1
2
3
Type
Code
1.9


Similar Part No. - MMFTN20

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMFTN20 SEMTECH_ELEC-MMFTN20 Datasheet
171Kb / 2P
N-Channel Enhancement Vertical D-MOS Transistor
logo
Diotec Semiconductor
MMFTN20 DIOTEC-MMFTN20 Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
MMFTN20 DIOTEC-MMFTN20_15 Datasheet
97Kb / 2P
N-Channel Enhancement Vertical D-MOS Transistor
MMFTN20 DIOTEC-MMFTN20_17 Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
More results

Similar Description - MMFTN20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BS107 PHILIPS-BS107 Datasheet
65Kb / 12P
N-channel enhancement mode vertical D-MOS transistor
April 1995
BS108 PHILIPS-BS108 Datasheet
56Kb / 8P
N-channel enhancement mode vertical D-MOS transistor
April 1995
BSN20 PHILIPS-BSN20 Datasheet
101Kb / 8P
N-channel enhancement mode vertical D-MOS transistor
1997 Jun 18
BSP030 PHILIPS-BSP030 Datasheet
109Kb / 12P
N-channel enhancement mode vertical D-MOS transistor
1997 Mar 13
BSP108 PHILIPS-BSP108 Datasheet
64Kb / 12P
N-channel enhancement mode vertical D-MOS transistor
April 1995
BSP127 PHILIPS-BSP127 Datasheet
50Kb / 8P
N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
Guangdong Kexin Industr...
KSS87 KEXIN-KSS87 Datasheet
52Kb / 2P
N-Channel Enhancement Mode Vertical D-MOS Transistor
logo
SEMTECH ELECTRONICS LTD...
MMFTN20 SEMTECH_ELEC-MMFTN20 Datasheet
171Kb / 2P
N-Channel Enhancement Vertical D-MOS Transistor
logo
Diotec Semiconductor
MMFTN20 DIOTEC-MMFTN20_15 Datasheet
97Kb / 2P
N-Channel Enhancement Vertical D-MOS Transistor
logo
Nexperia B.V. All right...
BSP122 NEXPERIA-BSP122 Datasheet
174Kb / 9P
N-channel enhancement mode vertical D-MOS transistor
2001 May 18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com