Electronic Components Datasheet Search
  English  ▼

X  

MMFTN20 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMFTN20
Description  N-Channel Enhancement Vertical D-MOS Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMFTN20 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMFTN20 Datasheet HTML 1Page - Diotec Semiconductor MMFTN20 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMFTN20
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Drain-Source breakdown voltage – Drain-Source-Durchbruchspannung
ID = 10 µA
V(BR)DSS
50 V
Drain-Source leakage current – Drain-Source-Leckstrom
VDS = 40 V
IDSS
1 µA
Gate-Source leakage current – Gate-Source-Leckstrom
VGS = ± 20 V
IGSS
± 100 nA
Gate-Source threshold voltage – Gate-Source Schwellspannung
VGS = VGS, ID = 1 mA
VGS(th)
0.4 V
1.8 V
Drain-Source on-state resistance – Drain-Source Einschaltwiderstand
VGS = 10 V, ID = 100 mA
VGS = 5 V, ID = 100 mA
VGS = 2.5 V, ID = 10 mA
RDS(on)
RDS(on)
RDS(on)
15 Ω
20 Ω
30 Ω
Forward Transfer Admittance – Übertragungssteilheit
VDS = 10 V, ID = 100 mA
׀
gfs
׀
40 mS
Input Capacitance – Eingangskapazität
VDS = 10 V, f = 1 MHz
Ciss
15 pF
Output Capacitance – Ausgangskapazität
VDS = 10 V, f = 1 MHz
Coss
15 pF
Reverse Transfer Capacitance – Rückwirkungskapazität
VDS = 10 V, f = 1 MHz
Crss
5 pF
Turn-On Time – Einschaltzeit
VGS = 0 ... 10 V, VDD = 20 V, ID = 100 mA
t(on)
5 ns
Turn-Off Time – Ausschaltzeit
VGS = 10 ... 0 V, VDD = 20 V, ID = 100 mA
t(off)
10 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
RthA
< 430 K/W 1)
< 500 K/W 2)
1
Device mounted on a ceramic substrate 10 x 8 x 0.7 mm
Bauteil montiert auf Keramiksubstrat 10 x 8 x 0.7 mm
2
Device mounted on standard PCB material
Bauteil montiert auf Standard-Leiterplattenmaterial
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com