Electronic Components Datasheet Search
  English  ▼

X  

MMFTN138 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMFTN138
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMFTN138 Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMFTN138 Datasheet HTML 1Page - Diotec Semiconductor MMFTN138 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMFTN138
MMFTN138
N
N-Channel Logic Level Enhancement Mode Field Effect Transistor
N-Kanal Logikpegel Feldeffekt-Transistor - Anreicherungstyp
N
Version 2011-01-24
Dimensions - Maße [mm]
1 = G
2 = S
3 = D
Power dissipation – Verlustleistung
360 mW
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
MMFTN138
Drain-Source-voltage – Drain-Source-Spannung
VDSS
50 V
Drain-Gate-voltage (RGS < 20 KΩ )
Drain-Gate-Spannung
VDGR
50 V
Gate-Source-voltage
Gate-Source-Spannung
dc
tP < 50 µs
VGSS
VGSS
± 20 V
± 40 V
Power dissipation – Verlustleistung
Ptot
360 mW
Drain current continuos – Drainstrom (dc)
ID
220 mA
Peak Drain current – Drain-Spitzenstrom
IDM
880 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
150°C
-55…+150°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
0.4
2.9 ±0.1
1
2
3
Type
Code
1.9


Similar Part No. - MMFTN138

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMFTN138 SEMTECH_ELEC-MMFTN138 Datasheet
172Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN138 DIOTEC-MMFTN138 Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
MMFTN138 DIOTEC-MMFTN138_15 Datasheet
97Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
MMFTN138 DIOTEC-MMFTN138_17 Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
More results

Similar Description - MMFTN138

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BSS100 FAIRCHILD-BSS100 Datasheet
284Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FDD603AL FAIRCHILD-FDD603AL Datasheet
237Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P7502CMG ETC2-P7502CMG Datasheet
284Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P1402CDG ETC2-P1402CDG Datasheet
265Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LSG ETC2-P75N02LSG Datasheet
112Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P5506BVG ETC2-P5506BVG Datasheet
292Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3057LCG ETC2-P3057LCG Datasheet
206Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB6030L KEXIN-KDB6030L Datasheet
58Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com