Electronic Components Datasheet Search
  English  ▼

X  

MMFTN138 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMFTN138
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMFTN138 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMFTN138 Datasheet HTML 1Page - Diotec Semiconductor MMFTN138 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMFTN138
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Drain-Source breakdown voltage – Drain-Source-Durchbruchspannung
ID = 250 µA
V(BR)DSS
50 V
Drain-Source leakage current – Drain-Source-Leckstrom
VDS = 50 V
VDS = 30 V
IDSS
500 nA
100 nA
Gate-Source leakage current – Gate-Source-Leckstrom
VGS = ± 20 V
IGSS
± 100 nA
Gate-Source threshold voltage – Gate-Source Schwellspannung
VGS = VDS, ID = 1 mA
VGS(th)
0.8 V
1.6 V
Drain-Source on-state resistance – Drain-Source Einschaltwiderstand
VGS = 10 V, ID = 220 mA
VGS = 4.5 V, ID = 220 mA
RDS(on)
3.5 Ω
6 Ω
Forward Transconductance – Übertragungssteilheit
VDS = 10 V, ID = 220 mA
gFS
0.12 S
Input Capacitance – Eingangskapazität
VDS = 25 V, f = 1 MHz
Ciss
60 pF
Output Capacitance – Ausgangskapazität
VDS = 25 V, f = 1 MHz
Coss
25 pF
Reverse Transfer Capacitance – Rückwirkungskapazität
VDS = 25 V, f = 1 MHz
Crss
10 pF
Turn-On Delay Time – Einschaltverzögerung
VDD = 30 V, ID = 290 mA, VGS = 10 V, RG = 50 Ω
td(on)
8 ns
Turn-On Rise Time – Anstiegszeit
VDD = 30 V, ID = 290 mA, VGS = 10 V, RG = 50 Ω
tr
12 ns
Turn-Off Delay Time – Ausschaltverzögerung
VDD = 30 V, ID = 290 mA, VGS = 10 V, RG = 50 Ω
td(off)
16 ns
Turn-Off Fall Time – Abfallzeit
VDD = 30 V, ID = 290 mA, VGS = 10 V, RG = 50 Ω
tf
22 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 350 K/W
Drain-Source Diode
Maximum Ratings and Characteristics (Tj = 25°C)
Grenz- und Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Maximum Continuos Source Current
IS
220 mA
Maximum Pulse Source Current
ISM
880 mA
Drain-Source Diode Forward Voltage
IS = 440 mA
VGD
1.4 V
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com