Electronic Components Datasheet Search
  English  ▼

X  

DS1213B Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1213B
Description  SmartSocket 16k/64k
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1213B Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1213B Datasheet HTML 1Page - Dallas Semiconductor DS1213B Datasheet HTML 2Page - Dallas Semiconductor DS1213B Datasheet HTML 3Page - Dallas Semiconductor DS1213B Datasheet HTML 4Page - Dallas Semiconductor DS1213B Datasheet HTML 5Page - Dallas Semiconductor DS1213B Datasheet HTML 6Page - Dallas Semiconductor DS1213B Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DS1213B
3 of 7
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature
0°C to 70°C
Storage Temperature
-40°C to +70°C
Soldering Temperature
See J-STD-020A Specification
∗ This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°°°°C to 70°°°°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
PIN 26 L, PIN 28 L
Supply Voltage
VCC
4.75
5.0
5.5
V
1,3
Logic 1 PIN 20 L
VIH
2.2
VCC +0.3
V
1,3
Logic 0 PIN 20 L
VIL
-0.3
+0.8
V
1,3
DC ELECTRICAL CHARACTERISTICS
(0
°°°°C to 70°°°°C; V
CC = 4.75 to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
PIN 26 L, PIN 28 L
Supply Current
ICC
5
mA
3,4,5
PIN 26 U, PIN 28 U
Supply Voltage
VCCO
VCC -0.2
V
1,3,8
PIN 26 U, PIN 28 U
Supply Current
ICCO
80
mA
3,8
PIN 20 L CE Input Leakage
IIL
-1.0
+1.0
µA
3,4
PIN 20 U CE Output @ 2.4V
IOH
-1.0
mA
2,3
PIN 20 U CE Output @ 4V
IOL
4.0
mA
2,3
DC ELECTRICAL CHARACTERISTICS
(0
°°°°C to 70°°°°C; V
CC < 4.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
PIN 20 Output
VOHL
VCC -0.2
VBAT- 0.2
V
1,3
PIN 26 U, PIN 28 U
Battery Current
IBAT
1
µA
3,6
PIN 26 U, PIN 28 U
Battery Voltage
VBAT
2
3
3.6
V
1,3
CAPACITANCE
(TA = 25
°°°°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance PIN 20 L
CIN
5pF
3
Output Capacitance PIN 20 U
COUT
7pF
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com