Electronic Components Datasheet Search
  English  ▼

X  

DS1213B Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1213B
Description  SmartSocket 16k/64k
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1213B Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1213B Datasheet HTML 1Page - Dallas Semiconductor DS1213B Datasheet HTML 2Page - Dallas Semiconductor DS1213B Datasheet HTML 3Page - Dallas Semiconductor DS1213B Datasheet HTML 4Page - Dallas Semiconductor DS1213B Datasheet HTML 5Page - Dallas Semiconductor DS1213B Datasheet HTML 6Page - Dallas Semiconductor DS1213B Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DS1213B
4 of 7
AC ELECTRICAL CHARACTERISTICS
(0
°°°°C to 70°°°°C; V
CC = 4.75 to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CE
Propagation Delay
tPF
5
10
20
ns
2,9
CE
High to Power Fall
tPD
0ns
AC ELECTRICAL CHARACTERISTICS
(0
°°°°C to 70°°°°C; V
CCI < 4.75 V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Recovery at Power -Up
tREC
2
80
125
ms
VCC Slew Rate 4.75 - 4.5 V
tF
300
µs
VCC Slew Rate 4.5-3 V
tFB
10
µs
VCC Slew Rate 4.5-4.75 V
tR
0
µs
CE
Pulse Width
tCE
1.5
µs
7
TIMING DIAGRAM: POWER-DOWN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com