Electronic Components Datasheet Search
  English  ▼

X  

SBCT2020 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SBCT2020
Description  Schottky Barrier Rectifier Diodes ??Common Cathode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SBCT2020 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SBCT2020 Datasheet HTML 1Page - Diotec Semiconductor SBCT2020 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBCT2020 ... SBCT20100
SBCT2020 ... SBCT20100
Schottky Barrier Rectifier Diodes – Common Cathode
Schottky-Barrier-Gleichrichterdioden – Gemeinsame Kathode
Version 2011-04-08
Dimensions - Maße [mm]
Nominal Current
Nennstrom
20 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...100 V
Plastic case – Kunststoffgehäuse
TO-220AB
Weight approx.
Gewicht ca.
2.2g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging in tubes
Standard Lieferform in Stangen
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward Voltage
Durchlass-Spannung
VF [V] 1) 2)
IF = 5 A
IF = 10 A
SBCT2020
20
20
< 0.52
< 0.55
SBCT2030
30
30
< 0.52
< 0.55
SBCT2040
40
40
< 0.52
< 0.55
SBCT2045
45
45
< 0.52
< 0.55
SBCT2050
50
50
< 0.63
< 0.70
SBCT2060
60
60
< 0.63
< 0.70
SBCT2090
90
90
< 0.77
< 0.85
SBCT20100
100
100
< 0.77
< 0.85
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 100°C
IFAV
IFAV
10 A 2)
20 A 3)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
30 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
SBCT2020...
SBCT2060
TA = 25°C
IFSM
130/150 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
SBCT2080...
SBCT20100
TA = 25°C
IFSM
110/125 A 2)
Rating for fusing, t < 10 ms – Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
80 A2s 2)
Junction temperature – Sperrschichttemperatur
in DC forward mode – bei Gleichstrom-Durchlassbetrieb
Tj
Tj
-50...+150°C
≤ 200°C
1
Tj = 25°C
2
Per diode − Pro Diode
3
Per device (parallel operation) − Pro Bauteil (Parallelbetrieb)
© Diotec Semiconductor AG
http://www.diotec.com/
1
4
3
2
1
4
3
1
Type
Typ
2.54
±0.1
0.8
±0.2
1.3±0.1
10.1±0.3
Ø
±0.2
3.8
1.2±0.2
0.42
±0.4
4.5±0.2
2.67
±0.2
2


Similar Part No. - SBCT2020

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBCT2020 DIOTEC-SBCT2020 Datasheet
119Kb / 2P
Schottky Barrier Rectifiers - Common Cathode
SBCT2020 DIOTEC-SBCT2020 Datasheet
123Kb / 2P
Schottky Barrier Rectifier Diodes . Common Cathode
SBCT2020 DIOTEC-SBCT2020 Datasheet
169Kb / 2P
Schottky Barrier Rectifier Diodes
logo
Inchange Semiconductor ...
SBCT2020 ISC-SBCT2020 Datasheet
295Kb / 2P
Schottky Rectifiers Diode
logo
Diotec Semiconductor
SBCT2020 DIOTEC-SBCT2020_13 Datasheet
123Kb / 2P
Schottky Barrier Rectifier Diodes . Common Cathode
More results

Similar Description - SBCT2020

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBCT1020 DIOTEC-SBCT1020_10 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes - Common Cathode
SBCT1020 DIOTEC-SBCT1020_13 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes . Common Cathode
SBCT2020 DIOTEC-SBCT2020_13 Datasheet
123Kb / 2P
Schottky Barrier Rectifier Diodes . Common Cathode
logo
ON Semiconductor
SBAT54CLT1G ONSEMI-SBAT54CLT1G Datasheet
121Kb / 4P
Dual Common Cathode Schottky Barrier Diodes
November, 2011 ??Rev. 8
logo
Diotec Semiconductor
SBCJ1020 DIOTEC-SBCJ1020 Datasheet
134Kb / 2P
Schottky Barrier Rectifier Diodes - Common Cathode
logo
ON Semiconductor
BAT54CL ONSEMI-BAT54CL Datasheet
90Kb / 4P
Dual Common Cathode Schottky Barrier Diodes
October, 2016 ??Rev. 10
NSR30CM3 ONSEMI-NSR30CM3 Datasheet
57Kb / 4P
Dual Common Cathode Schottky Barrier Diodes
December, 2016 ??Rev. 5
logo
Thinki Semiconductor Co...
SBL1630CT THINKISEMI-SBL1630CT Datasheet
317Kb / 2P
16.0 Ampere Heatsink Pkg Common Cathode Schottky Barrier Rectifier Diodes
SBL1640CG THINKISEMI-SBL1640CG Datasheet
337Kb / 2P
16.0 Ampere,45Volt PhotoVoltaic Common Cathode Schottky Barrier Rectifier Diodes
SBR20A60CTFP THINKISEMI-SBR20A60CTFP Datasheet
916Kb / 3P
20Ampere,60Volt Insulated Common Cathode Trench Schottky Barrier Rectifier Diodes
Rev.12T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com