Electronic Components Datasheet Search
  English  ▼

X  

SBCT2020 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SBCT2020
Description  Schottky Barrier Rectifier Diodes ??Common Cathode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SBCT2020 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SBCT2020 Datasheet HTML 1Page - Diotec Semiconductor SBCT2020 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SBCT2020 ... SBCT20100
Characteristics
Kennwerte
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
IR
< 300 µA
< 7 mA
Thermal resistance junction to case
Wärmewiderstand Sperrschicht - Gehäuse
RthC
< 1.5 K/W 1)
1
Per device (parallel operation) − Pro Bauteil (Parallelbetrieb)
2
http://www.diotec.com/
© Diotec Semiconductor AG
SBCT2020...SBCT2045
SBCT2050, SBCT2060
SBCT2080, SBCT20100
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
10
10
1
10
10
2
-1
-2
[A]
I
F
0
V
F
0.4
0.6
[V]
1.0
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current vs. temp. of the case
in Abh. v. d. Temp. Des Gehäuses
Zul. Richtstrom
[°C]
T
C
150
100
50
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com