Electronic Components Datasheet Search
  English  ▼

X  

DS1775 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1775
Description  SOT23-5 Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1775 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1775 Datasheet HTML 1Page - Dallas Semiconductor DS1775 Datasheet HTML 2Page - Dallas Semiconductor DS1775 Datasheet HTML 3Page - Dallas Semiconductor DS1775 Datasheet HTML 4Page - Dallas Semiconductor DS1775 Datasheet HTML 5Page - Dallas Semiconductor DS1775 Datasheet HTML 6Page - Dallas Semiconductor DS1775 Datasheet HTML 7Page - Dallas Semiconductor DS1775 Datasheet HTML 8Page - Dallas Semiconductor DS1775 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS1775
3 of 14
DETAILED PIN DESCRIPTION Table 1
PIN
SYMBOL DESCRIPTION
PIN 1
SCL
Clock input/output pin for 2-wire serial communication port. This input
should be tied to GND for standalone thermostat operation.
PIN 2
GND
Ground pin.
PIN 3
O.S.
Thermostat output Open-drain output becomes active when temperature
exceeds TOS. Device configuration defines means to clear over-temperature
state.
PIN 4
VDD
Supply Voltage 2.7V – 5.5V input power pin.
PIN 5
SDA
Data input/output pin for 2-wire serial communication port. In the standalone
thermostat mode, this input selects hysteresis.
OVERVIEW
A block diagram of the DS1775 is shown in Figure 1. The DS1775 consists of five major components:
1. Precision temperature sensor
2. Analog–to–digital converter
3. 2–wire interface electronics
4. Data registers
5. Thermostat comparator
The factory–calibrated temperature sensor requires no external components. Upon power–up, the DS1775
begins temperature conversions with the default resolution of 9 bits (0.5
°C resolution). The host can
periodically read the value in the temperature register, which contains the last completed conversion. As
conversions are performed in the background, reading the temperature register does not affect the
conversion in progress.
In power–sensitive applications the user can put the DS1775 into a shutdown mode, under which the
sensor will complete and store the conversion in progress and revert to a low–power standby state. In
applications where small incremental temperature changes are critical, the user can change the conversion
resolution from 9 bits to 10, 11, or 12. Each additional bit of resolution approximately doubles the
conversion time. This is accomplished by programming the configuration register. The configuration
register defines the conversion state, thermometer resolution/conversion time, active state of the
thermostat output, number of consecutive faults to trigger an alarm condition, and the method to
terminate an alarm condition.
The user can also program over–temperature (TOS) and under–temperature (THYST) setpoints for
thermostatic operation. The power–up state of TOS is 80
°C and that for THYST is 75°C. The result of each
temperature conversion is compared with the TOS and THYST setpoints. The DS1775 offers two modes for
temperature control, the comparator mode and the interrupt mode. This allows the user the flexibility to
customize the condition that would generate and clear a fault condition. Regardless of the mode chosen,
the O.S. output will become active only after the measured temperature exceeds the respective trippoint a
consecutive number of times; the number of consecutive conversions beyond the limit to generate an O.S.
is programmable. The power–up state of the DS1775 is in the comparator mode with a single fault
generating an active O.S.
Digital data is written to/read from the DS1775 via a 2–wire interface, and all communication is MSb
first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com