Electronic Components Datasheet Search
  English  ▼

X  

SM5K4 Datasheet(PDF) 1 Page - Sharp Corporation

Part # SM5K4
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K4 Datasheet(HTML) 1 Page - Sharp Corporation

  SM5K4 Datasheet HTML 1Page - Sharp Corporation SM5K4 Datasheet HTML 2Page - Sharp Corporation SM5K4 Datasheet HTML 3Page - Sharp Corporation SM5K4 Datasheet HTML 4Page - Sharp Corporation SM5K4 Datasheet HTML 5Page - Sharp Corporation SM5K4 Datasheet HTML 6Page - Sharp Corporation SM5K4 Datasheet HTML 7Page - Sharp Corporation SM5K4 Datasheet HTML 8Page - Sharp Corporation SM5K4 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DESCRIPTION
The SM5K3/5K4/5K5 are CMOS 4-bit single-chip
microcomputers incorporating 4-bit parallel pro-
cessing function, ROM, RAM, 10-bit A/D converter
and timer/counters.
It provides three kinds of interrupts and 4 levels
subroutine stack. Being fabricated through CMOS
process, the chip requires less power and available
in a small package : best suitable for Low power
controlling, compact equipment like a precision
charger.
FEATURES
• ROM capacity : 2 048 x 8 bits
• RAM capacity : 128 x 4 bits
• Instruction sets : 50
• Subroutine nesting : 4 levels
• I/O port :
Input
8
Output
4
Input/output
12 (36QFP/32SOP)
11 (30SDIP)
8 (28SOP)
• Interrupts :
Internal interrupt
x 1 (timer)
External interrupt
x 2 (2 external interrupt
inputs)
• A/D converter :
Resolution
10 bits
Channels
4
• Timer/counter : 8-bit x 1
• Built-in main clock oscillator for system clock
Ceramic/crystal oscillator (SM5K3/5K5)
CR oscillator (SM5K4)
• Signal generation for real time clock∗ (SM5K3/5K5)
• Built-in 15 stages divider
(for real time clock∗ : SM5K3/5K5)
• Instruction cycle time :
1 µs (MIN.) (2 MHz, at 5 V ± 10%) (SM5K3/5K5)
2 µs (MIN.) (1 MHz, at 2.2 to 5.5 V) (SM5K3/5K5)
1 µs (MIN.) (1.67 MHz ± 20%, at 5 V ± 10%) (SM5K4)
• Large current output pins (LED direct drive) :
15mA (TYP.) x 4 (sink current)
• Supply voltages :
2.2 to 5.5 V (SM5K3/5K5)
2.7 to 5.5 V (SM5K4)
• Packages :
30-pin SDIP (SDIP030-P-0400)
32-pin SOP (SOP032-P-0525)
36-pin QFP (QFP036-P-1010)
28-pin SOP (SOP028-P-0450) (SM5K3/5K5)
24-pin SSOP (SSOP024-P-0275) (SM5K4)
∗ In case of using crystal oscillator
SM5K3/SM5K4/SM5K5
SM5K3/SM5K4
SM5K5
4-Bit Single-Chip Microcomputers
(Controllers With 10-Bit A/D Converter)
- 1 -
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books,
etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.


Similar Part No. - SM5K4

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM5K4 SHARP-SM5K4 Datasheet
234Kb / 8P
4-Bit Single-Chip Microcomputer(Controller with 10-Bit A/D Converter)
More results

Similar Description - SM5K4

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM5K4 SHARP-SM5K4 Datasheet
234Kb / 8P
4-Bit Single-Chip Microcomputer(Controller with 10-Bit A/D Converter)
SM5K6 SHARP-SM5K6 Datasheet
281Kb / 9P
4-Bit Single-Chip Microcomputer(Controller With 10-Bit A/D Converter)
logo
Hynix Semiconductor
GMS30004 HYNIX-GMS30004 Datasheet
964Kb / 158P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS3637004 HYNIX-GMS3637004 Datasheet
1Mb / 110P
4-BIT SINGLE CHIP MICROCOMPUTERS
logo
NEC
UPD7810 NEC-UPD7810 Datasheet
1Mb / 26P
8 BIT SINGLE CHIP NMOS MICROCOMPUTERS WITH A/D CONVERTER
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
4-BIT SINGLE CHIP MICROCOMPUTERS
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
4-BIT SINGLE CHIP MICROCOMPUTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com