Electronic Components Datasheet Search
  English  ▼

X  

SM5K4 Datasheet(PDF) 17 Page - Sharp Corporation

Part # SM5K4
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K4 Datasheet(HTML) 17 Page - Sharp Corporation

Back Button SM5K4 Datasheet HTML 13Page - Sharp Corporation SM5K4 Datasheet HTML 14Page - Sharp Corporation SM5K4 Datasheet HTML 15Page - Sharp Corporation SM5K4 Datasheet HTML 16Page - Sharp Corporation SM5K4 Datasheet HTML 17Page - Sharp Corporation SM5K4 Datasheet HTML 18Page - Sharp Corporation SM5K4 Datasheet HTML 19Page - Sharp Corporation SM5K4 Datasheet HTML 20Page - Sharp Corporation SM5K4 Datasheet HTML 21Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
SM5K3/SM5K4/SM5K5
- 17 -
• IME flag (master enable flag)
The IME enables or disables all interrupts at the
same time. The IE command, when executed, sets
the IME flag and enables the interrupt specified by
the mask flag setting. The ID command resets the
IME flag, disabling process of any interrupt request.
Setting the IME flag to reset after releasing
hardware reset, all interrupts are inhibited.
• Mode register RE (interrupt mask flag)
The mode register RE (RE0, RE1 and RE2;
interrupt mask flag) individually enables or disables
three type of interrupts.
Timer/Counter
The SM5K3/5K4/5K5 have a pair of built-in
timer/counter. The timer/counter are used to handle
periodic interrupts and to count. The overflowing
timer can be used to disable the halt mode. The
timer/counter serve as interval timer.
The timer/counter consists of an 8-bit count register
RA, modulo register RB (for counter initial value
setting), 15-bit divider and 4-bit mode register RC
(for count clock selection). The configuration of the
timer/counter is shown in Fig. 10.
fSYS
System clock
P11 pin
( external event clock )
Divider
Mode register
( RC register )
fSYS / 2
0
0
3
3
03
03 03
47
47
03
15
fSYS / 2
7
AX
AX
I FT
Modulo register
( RB register )
Count register
( RA register )
After setting BL = 0BH
OUT command ( RB
←[ X, A ] )
IN command ( [ X, A ]
←RB )
After setting BL = 0AH
OUT command
After setting BL = 0AH
IN command
Interrupt request flag
Fig. 10
Configuration of Timer/Counter
• Selecting count clock
A count clock is selected by the bit settings in the
mode register RC.
LOWER 2-BIT OF RC BITS
SELECTED COUNT CLOCK
0
fSYS (system clock)
0
fSYS/27
1
fSYS/215
1
External event clock (P11)
1
0
0
1
0
1
Table 5
Count Clock Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com