Electronic Components Datasheet Search
  English  ▼

X  

HMC304MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC304MS8
Description  GaAs MMIC HIGH IP3 SINGLE-BALANCED SMT MIXER, 1.7 - 3 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC304MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC304MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9
9 - 160
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC304MS8 / 304MS8E
GaAs MMIC HIGH IP3 SINGLE-
BALANCED SMT MIXER, 1.7 - 3 GHz
v01.0705
General Description
Features
Functional Diagram
High Dynamic Range: +30 dBm IIP3
No External Components or Bias Required
LO/RF Isolation: 30 dB
Ultra Small MSOP8 Package: 14.8 mm2
Electrical Specifications*, T
A = +25° C
Typical Applications
The HMC304MS8 & HMC304MS8E are passive
high IP3 mixers in 8 lead plastic surface mount Mini
Small Outline Packages (MSOP). This miniature
single balanced MMIC mixer is constructed of GaAs
Schottky
diodes
and
novel
planar
transformer
baluns on the chip while not requiring any external
components. The RF port is balanced via the MMIC
balun while the LO port is connected directly to the
diodes. LO isolations are typically 20 to 30 dB.
Excellent input IP3 performance of +27 to +32 dBm
make the HMC304MS8(E) ideal for high dynamic
range applications.
The HMC304MS8 / HMC304MS8E is ideal for:
• PCS & 3G
• 2.4 GHz ISM
• MMDS
Parameter
LO = +17 dBm
IF = 100 MHz
LO = +17 dBm
IF = 100 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
1.7 - 3.0
2.2 - 2.7
GHz
Frequency Range, IF
DC - 0.8
DC - 0.8
GHz
Conversion Loss
9
11
9
10.5
dB
Noise Figure (SSB)
9
11
9
10.5
dB
LO to RF Isolation
20
30
23
32
dB
LO to IF Isolation
12
20
17
25
dB
IP3 (Input)
25
30
27
32
dBm
1 dB Gain Compression (Input)
15
19
18
19.5
dBm
*Specifications are for downconverter performance. Similar results are achieved when using mixer as an
upconverter with a resulting input IP3 of 5dB less.


Similar Part No. - HMC304MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC304MS8 HITTITE-HMC304MS8 Datasheet
196Kb / 6P
GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
HMC304MS8 HITTITE-HMC304MS8 Datasheet
263Kb / 6P
GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
HMC304MS8 HITTITE-HMC304MS8_06 Datasheet
263Kb / 6P
GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
More results

Similar Description - HMC304MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC285 HITTITE-HMC285 Datasheet
215Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC304MS8 HITTITE-HMC304MS8 Datasheet
196Kb / 6P
GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC304MS8 HITTITE-HMC304MS8_06 Datasheet
263Kb / 6P
GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
HMC272AMS8 HITTITE-HMC272AMS8 Datasheet
399Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC285 HITTITE-HMC285_08 Datasheet
189Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com