Electronic Components Datasheet Search
  English  ▼

X  

HMC304MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC304MS8
Description  GaAs MMIC HIGH IP3 SINGLE-BALANCED SMT MIXER, 1.7 - 3 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC304MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC304MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC304MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9
9 - 162
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
MxN Spurious Outputs
Harmonics of LO
Input IP3 vs. LO Drive
P1dB vs. Temperature @ LO = +17 dBm
Input IP3 vs.
Temperature @ LO = +17dBm
nLO
mRF
0
1234
0xx
-20
-11
2
7
1100
32
29
31
250
61
62
52
59
389
90
93
85
81
4
>107
>107
>107
>107
>107
RF = 2 GHz @ -10 dBm
LO = 1.9 GHz @ +17 dBm
All values in dBc relative to the IF power level.
nLO Spur at RF Port
LO Frequency
(GHz)
12
3
4
1.5
34
18
32
49
1.9
34
18
32
48
2.3
32
22
36
58
2.7
25
26
39
73
3.1
23
29
35
64
3.6
17
31
36
57
LO = +17 dBm
Values in dBc below input LO level measured at the RF port.
HMC304MS8 / 304MS8E
GaAs MMIC HIGH IP3 SINGLE-
BALANCED SMT MIXER, 1.7 - 3 GHz
v01.0705
20
22
24
26
28
30
32
34
36
38
40
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
+19 dBm
+17 dBm
+15 dBm
FREQUENCY (GHz)
15
16
17
18
19
20
21
22
23
24
25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
+85 C
-40 C
+25 C
FREQUENCY (GHz)
20
22
24
26
28
30
32
34
36
38
40
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
+25 C
-40 C
+85 C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com