Electronic Components Datasheet Search
  English  ▼

X  

LM79L08 Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # LM79L08
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM79L08 Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  LM79L08 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
LM79LXX
Jan. 2011 - Rev.1.1.1
- 5
-
HTC
ELECTRICAL CHARACTERISTICS
LM79L05 (At specified virtual junction temperature, VIN = 10V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
-4.8
-5
-5.2
1mA ≤ Io ≤ 40mA
-7V ≤ VIN ≤ 20V
-4.75
-5
-5.25
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
0℃ ~
125℃
-4.75
-5
-5.25
V
-7V ≤ VIN ≤ -20V
32
150
Line Regulation
ΔVLINE
-8V ≤ VIN ≤ -20V
25℃
26
100
mV
1mA ≤ Io ≤ 100mA
15
60
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
8
30
mV
25℃
3.8
6
Bias Current
IB
125℃
5.5
mA
-8V ≤ VIN ≤ -20V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
0℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
42
uV
Ripple Rejection
RR
-8V ≤ VIN ≤ -18V,
f=120Hz
25℃
41
49
dB
Dropout Voltage
VD
25℃
1.7
V
LM79L06 (At specified virtual junction temperature, VIN = 11V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
-5.76
-6
-6.24
1mA ≤ Io ≤ 40mA
-8V ≤ VIN ≤ -21V
-5.7
-6
-6.3
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
0℃ ~
125℃
-5.7
-6
-6.3
V
-8V ≤ VIN ≤ -21V
50
150
Line Regulation
ΔVLINE
-9V ≤ VIN ≤ -21V
25℃
45
110
mV
1mA ≤ Io ≤ 100mA
12
70
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
5.5
35
mV
25℃
6
Bias Current
IB
125℃
5.5
mA
-9V ≤ VIN ≤ -21V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
0℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
50
uV
Ripple Rejection
RR
-9V ≤ VIN ≤ -19V,
f=120Hz
25℃
39
47
dB
Dropout Voltage
VD
25℃
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com