Electronic Components Datasheet Search
  English  ▼

X  

LM79L08 Datasheet(PDF) 9 Page - HTC Korea TAEJIN Technology Co.

Part # LM79L08
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM79L08 Datasheet(HTML) 9 Page - HTC Korea TAEJIN Technology Co.

Back Button LM79L08 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM79L08 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
LM79LXX
Jan. 2011 - Rev.1.1.1
- 9
-
HTC
Note 1. Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal
effects must be taken into account separately.
All characteristics are measured with a 0.33uF capacitor across the input and a 0.1uF capacitor across the output.
Note 2. This specification applies only for DC power dissipation permitted by absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com