Electronic Components Datasheet Search
  English  ▼

X  

HMC344LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC344LP3
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC344LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC344LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
15
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
15 - 1
HMC344LP3 / 344LP3E
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 8 GHz
v06.1210
General Description
Features
Functional Diagram
the hmc344lP3 & hmc344lP3e are broadband
non-reflective GaAs meSFet SP4t switches in low
cost leadless surface mount packages. covering Dc
to 8 Ghz, this switch offers high isolation and low
insertion loss and extends the frequency coverage
of hittite’s SP4t switch product line. this switch also
includes an on board binary decoder circuit which
reduces the required logic control lines to two. the
switch operates using a negative control voltage of
0/-5V, and requires a fixed bias of -5V.
Broadband Performance: Dc - 8 Ghz
high isolation: 40 dB@ 6 Ghz
low insertion loss: 1.8 dB@ 6 Ghz
integrated 2:4 ttl Decoder
16 lead 3x3mm QFN Package: 9 mm²
Electrical Specifications, T
A = +25° C, With 0/-5V Control, 50 Ohm System
Typical Applications
this switch is suitable for usage in Dc - 8.0 Ghz 50-
ohm or 75-ohm systems:
• Broadband
• Fiber Optics
• Switched Filter Banks
• Wireless below 8 GHz
Parameter
Frequency
min.
typ.
max.
units
insertion loss
Dc - 2.0 Ghz
Dc - 6.0 Ghz
Dc - 8.0 Ghz
1.6
1.8
2.1
2.0
2.2
2.5
dB
dB
dB
isolation
Dc - 2.0 Ghz
Dc - 4.0 Ghz
Dc - 6.0 Ghz
Dc - 8.0 Ghz
43
36
34
31
48
41
40
36
dB
dB
dB
dB
return loss
“on State”
Dc - 2.0 Ghz
Dc - 4.0 Ghz
Dc - 6.0 Ghz
Dc - 8.0 Ghz
12
9
8
5
15
12
11
8
dB
dB
dB
dB
return loss
“off State”
Dc - 8.0 Ghz
7
10
dB
input Power for 1 dB compression
0.5 - 8.0 Ghz
17
21
dBm
input third order intercept
(two-tone input Power = +7 dBm each tone)
0.5 - 8.0 Ghz
37
40
dBm
Switching characteristics
triSe, tFAll (10/90% rF)
toN, toFF (50% ctl to 10/90% rF)
Dc - 8.0 Ghz
35
150
ns
ns


Similar Part No. - HMC344LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC344LP3 HITTITE-HMC344LP3 Datasheet
224Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3 Datasheet
307Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3_06 Datasheet
307Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
More results

Similar Description - HMC344LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC344 HITTITE-HMC344_09 Datasheet
152Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
HMC344LC3 HITTITE-HMC344LC3_11 Datasheet
392Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
logo
Analog Devices
HMC344ALP3E AD-HMC344ALP3E Datasheet
495Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
HMC345ALP3E AD-HMC345ALP3E Datasheet
497Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com