Electronic Components Datasheet Search
  English  ▼

X  

HMC344LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC344LP3
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC344LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC344LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC344LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
15
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
15 - 3
Truth Table
Outline Drawing
control input
Signal Path State
A
B
rFcom to:
high
high
rF1
low
high
rF2
high
low
rF3
low
low
rF4
Absolute Maximum Ratings
Bias Voltage range (Vee)
-7.0 Vdc
control Voltage range (A & B)
Vee -0.5V to +1.0 Vdc
channel temperature
150 °c
thermal resistance
(insertion loss Path)
143 °c/w
thermal resistance
(terminated Path)
1,030 °c/w
Storage temperature
-65 to +150 °c
operating temperature
-40 to +85 °c
maximum input Power
+24 dBm
eSD Sensitivity (hBm)
class 1A
electroStAtic SeNSitiVe DeVice
oBSerVe hANDliNG PrecAutioNS
HMC344LP3 / 344LP3E
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 8 GHz
v06.1210
Part Number
Package Body material
lead Finish
mSl rating
Package marking [3]
hmc344lP3
low Stress injection molded Plastic
Sn/Pb Solder
mSl1
[1]
344
XXXX
hmc344lP3e
rohS-compliant low Stress injection molded Plastic
100% matte Sn
mSl1
[2]
344
XXXX
[1] max peak reflow temperature of 235 °c
[2] max peak reflow temperature of 260 °c
[3] 4-Digit lot number XXXX
Package Information
NoteS:
1. leADFrAme mAteriAl: coPPer AlloY
2. DimeNSioNS Are iN iNcheS [millimeterS].
3. leAD SPAciNG tolerANce iS NoN-cumulAtiVe
4. PAD Burr leNGth ShAll Be 0.15mm mAXimum.
PAD Burr heiGht ShAll Be 0.05mm mAXimum.
5. PAcKAGe wArP ShAll Not eXceeD 0.05mm.
6. All GrouND leADS AND GrouND PADDle muSt Be SolDereD to
PcB rF GrouND.
7. reFer to hittite APPlicAtioN Note For SuGGeSteD PcB lAND
PAtterN.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com