Electronic Components Datasheet Search
  English  ▼

X  

LM1937 Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM1937
Description  WHITE LED STEP-UP CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1937 Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM1937 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1937 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1937 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1937 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1937 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1937 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WHITE LED STEP-UP CONVERTER
LM1937
HTC
- 4 -
APPLICATIONS INFORMATION
Inductor Selection
A 22mH inductor is recommended for most LM1937
applications. Although small size and high efficiency are
major concerns, the inductor should have low core
losses at 1.2MHz and low DCR (copper wire resistance).
Some inductors in this category with small size are listed
in Table 1. The efficiency comparison of different
inductors is shown in Figure 3.
Table 1. Recommended Inductors
Figure 3. Efficiency Comparison of Different Inductors
Capacitor Selection
The small size of ceramic capacitors makes them
ideal for LM1937 applications. X5R and X7R types are
recommended because they retain their capacitance
over wider voltage and temperature ranges than other
types such as Y5V or Z5U. A 1µF input capacitor and
a 0.22µF output capacitor are sufficient for most
LM1937 applications.
Table 2. Recommended Ceramic Capacitor
Manufacturers
Diode Selection
Schottky diodes, with their low forward voltage drop
and fast reverse recovery, are the ideal choices for
LM1937 applications. The forward voltage drop of a
Schottky diode represents the conduction losses in the
diode, while the diode capacitance (CT or CD)
represents the switching losses. For diode selection,
both forward voltage drop and diode capacitance need
to be considered. Schottky diodes with higher current
ratings usually have lower forward voltage drop and
larger diode capacitance, which can cause significant
switching losses at the 1.2MHz switching frequency of
the LM1937. A Schottky diode rated at 100mA to
200mA is sufficient for most LM1937 applications.
Some recommended Schottky diodes are listed in
Table 3.
Table 3. Recommended Schottky Diodes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com