Electronic Components Datasheet Search
  English  ▼

X  

LM1937 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM1937
Description  WHITE LED STEP-UP CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1937 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM1937 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1937 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1937 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1937 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1937 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1937 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WHITE LED STEP-UP CONVERTER
LM1937
FEATURES
• Inherently Matched LED Current
• High Efficiency: 84% Typical
• Drives Up to Four LEDs from a 3.2V Supply
• Drives Up to Six LEDs from a 5V Supply
• 36V Rugged Bipolar Switch
• Fast 1.2MHz Switching Frequency
• Uses Tiny 1mm Tall Inductors
• Requires Only 0.22µF Output Capacitor
• Moisture Sensitivity Level 3
APPLICATIONS
• Cellular Phones
• PDAs, Handheld Computers
• Digital Cameras
• MP3 Players
• GPS Receivers
ORDERING INFORMATION
DESCRIPTION
TYPICAL APPLICATION CIRCUIT
Figure 1. Li-Ion Powered Driver for Three White LEDs
Jul. 2010 - Rev. 1.1.1
HTC
- 1 -
Package
Marking
Device
LM1937SF5
1937
SOT-23 5L
The LM1937 is a step-up DC/DC converter specifically designed to drive white LEDs with a constant current.
The device can drive two, three or four LEDs in series from a Li-Ion cell. Series connection of the LEDs
provides identical LED currents resulting in uniform brightness and eliminating the need for ballast resistors.
The output capacitor can be as small as 0.22µF, saving space versus alternative solutions. A low 95mV
feedback voltage minimizes power loss for better efficiency.
SOT-23 5L (SOT-25)
1.SW 2.GND 3.FB 4.SHDN 5.VIN


Similar Part No. - LM1937

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM193 NSC-LM193 Datasheet
322Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
NXP Semiconductors
LM193 PHILIPS-LM193 Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM193 TI-LM193 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
STMicroelectronics
LM193 STMICROELECTRONICS-LM193 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
Feb-2006
logo
Texas Instruments
LM193 TI-LM193 Datasheet
458Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM1937

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com