Electronic Components Datasheet Search
  English  ▼

X  

334LP4E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 334LP4E
Description  SiGe WIDEBAND DOWNCONVERTER, 0.6 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

334LP4E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  334LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
9
9 - 38
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC334LP4 / 334LP4E
SiGe WIDEBAND
DOWNCONVERTER, 0.6 - 2.7 GHz
v03.0410
General Description
Features
Functional Diagram
The
HMC334LP4(E)
is
a
low
noise,
wideband
downconverter RFIC which is ideal for Cellular/3G
and WiMAX/4G applications from 0.6 to 2.7 GHz.
The LO input accepts drive levels from -6 to +6 dBm
while the RFIC provides 48 dB of LO to RF isolation,
and 0 dB conversion loss. The HMC334LP4(E) will
support an IF output bandwidth of up to 600 MHz
and consumes only 173 mA from a +5V supply.
This wideband active mixer also provides excellent
performance in the presence of high level “Blocker”
signals, making it ideal for receiver applications in
demanding environments.
Conversion Loss: 0 dB
LO to RF Isolation: 48 dB
Single-Ended LO Drive: -6 to +6 dBm
Input IP3: +26 dBm
SSB Noise Figure: 11 dB
On-Chip RF Balun
24 Lead 4x4mm QFN Package: 16 mm2
Electrical Specifications,
T
A = +25 °C, LO = 0 dBm*, V
SLO
= VSIF = +5V, IF = 240 MHz
Typical Applications
The HM334LP4(E) is ideal for:
• Basestations & Repeaters
• GSM, GPRS & Edge
• CDMA, W-CDMA & TD-SCDMA
• WiMAX & LTE
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF
0.6 - 2.7
GHz
Frequency Range, LO
0.35 - 3.0
GHz
Frequency Range, IF
1 - 600
MHz
Conversion Gain (IF XFMR Included)
-5
-1
dB
SSB Noise Figure
11
dB
LO to RF Isolation
30
48
dB
IF Output Impedance (Diff)
200
Ohms
IP3 (Input)
+26
dBm
1 dB Compression (Input)
8.5
12
dBm
LO Drive Input Level
-6 to +6
dBm
Supply Current
173
225
mA
*Unless otherwise noted all measurements with R1 = 13 Ohms and single-ended 50 Ohm IF output with Port J2 or J3 shorted to ground.


Similar Part No. - 334LP4E

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
334LC2700K5HM6 ILLINOISCAPACITOR-334LC2700K5HM6 Datasheet
610Kb / 3P
High AC Voltage - High current
334LC3700K5LM8 ILLINOISCAPACITOR-334LC3700K5LM8 Datasheet
943Kb / 4P
High AC Voltage - High current
334LC3700KL505HM6 ILLINOISCAPACITOR-334LC3700KL505HM6 Datasheet
943Kb / 4P
High AC Voltage - High current
334LC4102K5LM8 ILLINOISCAPACITOR-334LC4102K5LM8 Datasheet
630Kb / 3P
High AC Voltage - High current
334LC6102K5PM8 ILLINOISCAPACITOR-334LC6102K5PM8 Datasheet
623Kb / 3P
High AC Voltage - High current
More results

Similar Description - 334LP4E

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD59-0044 MACOM-MD59-0044 Datasheet
321Kb / 11P
Wideband Downconverter 0.7-2.5GHz
logo
NEC
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
logo
Hittite Microwave Corpo...
HMC496LP3 HITTITE-HMC496LP3 Datasheet
479Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 4.0 - 7.0 GHz
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
Four-Channel Wideband Programmable DownConverter
August 2004
logo
WJ Communication. Inc.
CV221-2A WJCI-CV221-2A_07 Datasheet
327Kb / 5P
1.9 - 2.7 GHz Dual-Branch Downconverter
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC496LP3 HITTITE-HMC496LP3_11 Datasheet
558Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 4 - 7 GHz
HMC623LP4 HITTITE-HMC623LP4 Datasheet
713Kb / 8P
RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
logo
Analog Devices
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
24 GHz to 44 GHz, Wideband, Microwave Downconverter
4/2019-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com