Electronic Components Datasheet Search
  English  ▼

X  

334LP4E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 334LP4E
Description  SiGe WIDEBAND DOWNCONVERTER, 0.6 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

334LP4E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  334LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9
9 - 39
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
P1dB vs. Temperature
@ LO = 0 dBm, IF = 240 MHz [1]
P1dB vs. Temperature
@ LO = 0 dBm, IF = 100 MHz [1]
[1] LO < RF
* Unless otherwise noted all measurements with R1= 13 Ohms
Conversion Gain vs. Temperature
@ LO = 0 dBm, IF = 100 MHz [1]
Conversion Gain vs. Temperature
@ LO = 0 dBm, IF = 240 MHz [1]
Conversion Gain vs.
LO Drive, IF = 100 MHz [1]
Conversion Gain vs.
LO Drive, IF = 240 MHz [1]
-20
-15
-10
-5
0
5
10
0.6
1
1.4
1.8
2.2
2.6
3
-3 dBm
0 dBm
+3 dBm
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
5
10
0.6
1
1.4
1.8
2.2
2.6
3
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
5
10
0.6
1
1.4
1.8
2.2
2.6
3
-3 dBm
0 dBm
+3 dBm
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
5
10
0.6
1
1.4
1.8
2.2
2.6
3
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
-10
-5
0
5
10
15
20
25
0.6
1
1.4
1.8
2.2
2.6
3
+25C
+85C
-40C
RF FREQUENCY (GHz)
-10
-5
0
5
10
15
20
25
0.6
1
1.4
1.8
2.2
2.6
3
+25C
+85C
-40C
RF FREQUENCY (GHz)
HMC334LP4 / 334LP4E
v03.0410
SiGe WIDEBAND
DOWNCONVERTER, 0.6 - 2.7 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com