Electronic Components Datasheet Search
  English  ▼

X  

LM2950 Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM2950
Description  100mA LOW DROPOUT VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2950 Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM2950 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2950 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2950 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2950 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
100mA LOW DROPOUT VOLTAGE REGULATORS
LM2950/1
Note 1 : Output or reference voltage temperature coefficients defined as the worst case voltage change divided by the total temperature range.
Note 2 : Unless otherwise specified all limits guaranteed for TJ = 25℃, VIN = V0+1V, IL = 100㎂ and CL = 1㎌. Additional condition for the 8-pin
versions are feedback tied to -XX V tap and output tied to output Sense (VOUT=XX V) and VSHOUTDOWN≤0.8V
Note 3 : Regulations is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due
to heating effects are covered under the specification for thermal regulation.
Note 4 : Dropout voltage is defined as the input to output differential at which the output voltage drops 100㎷ below its nominal value measured
at 1V differential. At very low values of programmed output voltage, the minimum input supply voltage(2.3V over temperature)
must be taken into account.
Note 5 : VREF≤VOUT≤(VIN-1V), 2.3V≤VIN≤30V, 100㎂≤IL≤100㎃, TJ≤TJMAX
Note 6 : Comparator thresholds are expressed in terms of a voltage differential at the feedback terminal below the nominal reference voltage
measured at VOUT+1V input. To express these thresholds in terms of output voltage changed,
multiply by the error amplifier gain = VOUT/VREF = (R1+R2)/R2. For example, at a programmed output voltage of 5V, the error output is
guaranteed to go low when the output drops by 95㎷ x 5V / 1.235V = 384㎷. Thresholds remain constant as a percent VOUT as VOUT is
varied, with the dropout warning occurring at typically 5% below nominal, 7.5% guaranteed.
Note 7 : VSHUTDOWN≥2V, VIN≤30V, VOUT=0, Feed-back pin tied to -XX V Tap.
Feb 2009 - Rev. 1.2
HTC
−
4 −



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com