Electronic Components Datasheet Search
  English  ▼

X  

LM2950 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM2950
Description  100mA LOW DROPOUT VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2950 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM2950 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2950 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2950 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2950 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
100mA LOW DROPOUT VOLTAGE REGULATORS
LM2950/1
FEATURES
●
High accuracy output voltage
●
Guaranteed 100 mA output
●
Very low quiescent current
●
Extremely tight load and line regulation
●
Very low temperature coefficient
●
Current and thermal limiting
●
Low dropout voltage
●
Need only 1uF for stability
●
Error flag warns of output dropout
Pin 1 : Output
●
Logi-control electronic shutdown
Pin 2 : Ground
●
Output programmable from 1.24 to 29V
Pin 3 : Input
●
Moisture Sensitivity Level 3
Applications
ORDERING INFORMATION
●
High-efficiency linear regulator, voltage reference
●
Battery powered systems
●
Portable consumer equipment
●
Portable / Parm, Desktop / Notebook computers
(XX= 1.5, 1.8, 2.8, 2.85, 3.0, 3.3, 5.0V,
●
Portable Instrumentation, cordless telephones
Adjustable)
●
Automotive Electronics, Radio control systems
●
SMPS Post-Regulator, Avionics
DESCRIPTION
The LM2950/1 is a low power voltage regulator. This device excellent choice for use in battery powered
application such as cordless telephone, radio control systems, and portable computers.
The LM2950/1 features very low quiescent current (75㎂ Typ.) and very low drop output voltage
(Typ. 400㎷ at light load and 380㎷ at 100㎃).
This includes a tight initial tolerance of 0.5% Typ., extremely good load and line regulation of 0.05% Typ.,
and very low output temperature coefficient, making the LM2950/1 useful as a low-power voltage reference.
The error flag output feature is used as power-on reset for warn of a low output voltage, due to
following batteries on input. Other feature is the logic-compatible shutdown input which enable the
regulator to be switched on and off. The LM2950/1 is available in 8-pin plastic packages.
The regulator output voltage may be pin-strapped for a -XX volt or programmed from 1.24 volt to 29 volts
with external pair of resistors. The LM2950/1 is offered in 3-pin to-92 package compatible with other
fixed regulator.
Feb 2009 - Rev. 1.2
HTC
LM2951D-XX
SOP-8
−
1 −
LM2950-XX
TO-92
PKG
DEVICE
TO- 92 PKG
SOP- 8 PKG
Pin : 1. Output
2. Sense
3. Shutdown
4. Ground
5. Error
6. Tap
7. Feedback
8. Input
1
2
3


Similar Part No. - LM2950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2950 ETC-LM2950 Datasheet
99Kb / 3P
0.1A LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2950-XX HTC-LM2950-XX Datasheet
210Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
Dec. 2015 - Rev. 1.4
logo
List of Unclassifed Man...
LM2950L-2.85 ETC-LM2950L-2.85 Datasheet
99Kb / 3P
0.1A LOW DROPOUT VOLTAGE REGULATORS
LM2950L-3.0 ETC-LM2950L-3.0 Datasheet
99Kb / 3P
0.1A LOW DROPOUT VOLTAGE REGULATORS
LM2950L-3.3 ETC-LM2950L-3.3 Datasheet
99Kb / 3P
0.1A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - LM2950

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
Dual, Low-Dropout, 100mA Linear Regulators
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
100mA Low Dropout Voltage Regulators
PL2951-XXQ8 CYSTEKEC-PL2951-XXQ8 Datasheet
209Kb / 5P
100mA Low Dropout Voltage Regulators
logo
Sipex Corporation
LP2950 SIPEX-LP2950_07 Datasheet
812Kb / 15P
100mA Low Dropout Voltage Regulators
logo
Linear Dimensions Semic...
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
100mA Low Dropout Voltage Regulators
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2930 HTC-LM2930 Datasheet
138Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Maxim Integrated Produc...
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com