Electronic Components Datasheet Search
  English  ▼

X  

TJ2997GD Datasheet(PDF) 11 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2997GD
Description  DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2997GD Datasheet(HTML) 11 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ2997GD Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 13Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DDR Termination Regulator
TJ2997
Apr, 2011 - R1.0.1
11/13
HTC
LEVEL SHIFTING
If standards other than SSTL-2 are required, such as SSTL-3, it may be necessary to use a different
scaling factor than 0.5 times VDDQ for regulating the output voltage. Several options are available to
scale the output to any voltage required. One method is to level shift the output by using feedback
resistors from VTT to the VSENSE pin. This has been illustrated in Figures 7 and 8. Figure 7 shows how
to use two resistors to level shift VTT above the internal reference voltage of VDDQ / 2. To calculate the
exact voltage at VTT the following equation can be used
VTT = VDDQ / 2 ( 1 + R1 / R2 )
FIGURE 7. Increasing VTT by Level Shifting
Conversely, the R2 resistor can be placed between VSENSE and VDDQ to shift the VTT output lower than
the internal reference voltage of VDDQ / 2. The equations relating VTT and the resistors can be seen
below:
VTT = VDDQ / 2 (1 - R1 / R2)
FIGURE 8. Decreasing VTT by Level Shifting
HSTL APPLICATIONS
The TJ2997 can be easily adapted for HSTL applications by connecting VDDQ to the 1.5V rail. This will
produce a VTT and VREF voltage of approximately 0.75V for the termination resistors. It is possible to
connect PVIN to higher than a 2.5V rail for higher source/sink current. Care should be taken to do not
exceed the maximum junction temperature as the thermal dissipation increases with lower VTT output
voltages (For more information, refer to the Thermal Dissipation section.). The advantage of this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com