Electronic Components Datasheet Search
  English  ▼

X  

TJ2997GD Datasheet(PDF) 12 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2997GD
Description  DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2997GD Datasheet(HTML) 12 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ2997GD Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 13Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
DDR Termination Regulator
TJ2997
Apr, 2011 - R1.0.1
12/13
HTC
configuration is that it has the ability to source and sink a higher maximum continuous current. PVIN can
be also connected to a 1.8V rail and it has a limitation of maximum continuous current. PVIN should be
connected to a voltage higher than a 1.5V rail. The source/sink current for each power rail, refer to
Electrical Characteristics Section. At any power rail, care should be taken to do not exceed the
maximum junction temperature as the thermal dissipation increases with lower VTT output voltages as
described at the Thermal Dissipation Section.
FIGURE 9. HSTL Application
QDR APPLICATIONS
Quad data rate (QDR) applications utilize multiple channels for improved memory performance.
However, this increase in bus lines has the effect of increasing the current levels required for termination.
The recommended approach in terminating multiple channels is to use a dedicated TJ2997 for each
channel. This simplifies layout and reduces the internal power dissipation for each regulator. Separate
VREF signals can be used for each DIMM bank from the corresponding regulator with the chipset
reference provided by a local resistor divider or one of the TJ2997 signals. Because VREF and VTT are
expected to track and the part to part variations are minor, there should be little difference between the
reference signals of each TJ2997.
FIGURE 10. Typical SSTL-2 Application Circuit
OUTPUT CAPACITOR SELECTION
For applications utilizing the TJ2997 to terminate SSTL-2 I/O signals the typical application circuit
shown in Figure 8 can be implemented. This circuit permits termination in a minimum amount of board
space and component count. Capacitor selection can be varied depending on the number of lines
terminated and the maximum load transient. However, with motherboards and other applications where



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com