Electronic Components Datasheet Search
  English  ▼

X  

HMC424 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC424
Description  0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC424 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC424 Datasheet HTML 1Page - Hittite Microwave Corporation HMC424 Datasheet HTML 2Page - Hittite Microwave Corporation HMC424 Datasheet HTML 3Page - Hittite Microwave Corporation HMC424 Datasheet HTML 4Page - Hittite Microwave Corporation HMC424 Datasheet HTML 5Page - Hittite Microwave Corporation HMC424 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1 - 8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC424
0.5dB LSB GaAs MMIC 6-BIT DIGITAL
ATTENUATOR, DC - 13 GHz
v06.0809
Electrical Specifications, T
A = +25° C, With Vee = -5V & VCTL = 0/-5V
The HMC424 is ideal for:
• Fiber Optics & Broadband Telecom
• Microwave Radio & VSAT
• Military Radios, Radar & ECM
• Space Applications
0.5 dB LSB Steps to 31.5 dB
Single Control Line Per Bit
±0.5 dB Typical Bit Error
Die Size: 1.45 x 0.85 x 0.1 mm
The HMC424 die is a broadband 6-bit GaAs IC digital
attenuator MMIC chip. Covering DC to 13 GHz, the
insertion loss is less then 4 dB typical. The attenua-
tor bit values are 0.5 (LSB), 1, 2, 4, 8, and 16 dB for a
total attenuation of 31.5 dB. Attenuation accuracy is
excellent at ± 0.5 dB typical step error with an IIP3 of
+32 dBm.
Six control voltage inputs, toggled bet-
ween 0 and -5V, are used to select each attenuation
state. A single Vee bias of -5V allows operation at fre-
quencies down to DC.
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Insertion Loss
DC - 8.0 GHz
8.0 - 13.0 GHz
3.0
4.0
3.8
4.6
dB
dB
Attenuation Range
DC - 13.0 GHz
31.5
dB
Return Loss (RF1 & RF2, All Atten. States)
DC - 8.0 GHz
8.0 - 13.0 GHz
8
11
12
15
dB
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
0.5 - 7.5 dB States
8 - 31.5 dB States
DC - 13.0 GHz
DC - 13.0 GHz
± 0.3 + 4% of Atten. Setting Max
± 0.3 + 6% of Atten. Setting Max
dB
dB
Input Power for 0.1 dB Compression
1.0 - 13.0 Ghz
22
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
REF State
All Other States
1.0 - 13.0 Ghz
46
32
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON/tOFF (50% CTL to 10/90% RF)
DC - 13.0 GHz
30
50
ns
ns
General Description
Features
Functional Diagram
Typical Applications


Similar Part No. - HMC424

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC424 HITTITE-HMC424 Datasheet
213Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
logo
Micross Components
HMC424 MICROSS-HMC424 Datasheet
887Kb / 9P
Space Applications
logo
Analog Devices
HMC424A AD-HMC424A Datasheet
285Kb / 11P
0.1 GHz to 13.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
3/2020-Rev. 01.1115 to Rev. B
HMC424A-SX AD-HMC424A-SX Datasheet
285Kb / 11P
0.1 GHz to 13.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
3/2020-Rev. 01.1115 to Rev. B
HMC424ACHIPS AD-HMC424ACHIPS Datasheet
285Kb / 11P
0.1 GHz to 13.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
3/2020-Rev. 01.1115 to Rev. B
More results

Similar Description - HMC424

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC424 HITTITE-HMC424 Datasheet
213Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424G16 HITTITE-HMC424G16 Datasheet
225Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC424LP3 HITTITE-HMC424LP3 Datasheet
254Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LH5 HITTITE-HMC424LH5 Datasheet
373Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC-C025 HITTITE-HMC-C025 Datasheet
728Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR MODULE, DC - 13 GHz
HMC424G16 HITTITE-HMC424G16_09 Datasheet
205Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC424LH5 HITTITE-HMC424LH5_09 Datasheet
213Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LP3 HITTITE-HMC424LP3_09 Datasheet
227Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
logo
Analog Devices
HMC424AG16 AD-HMC424AG16 Datasheet
439Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC424ALH5 AD-HMC424ALH5 Datasheet
633Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com