Electronic Components Datasheet Search
  English  ▼

X  

HMC424 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC424
Description  0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC424 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC424 Datasheet HTML 1Page - Hittite Microwave Corporation HMC424 Datasheet HTML 2Page - Hittite Microwave Corporation HMC424 Datasheet HTML 3Page - Hittite Microwave Corporation HMC424 Datasheet HTML 4Page - Hittite Microwave Corporation HMC424 Datasheet HTML 5Page - Hittite Microwave Corporation HMC424 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
1 - 9
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Return Loss RF1, RF2
(Only Major States are Shown)
Insertion Loss
Normalized Attenuation
(Only Major States are Shown)
Bit Error vs. Frequency
(Only Major States are Shown)
Relative Phase vs. Frequency
(Only Major States are Shown)
Bit Error vs. Attenuation State
-10
-8
-6
-4
-2
0
03
69
12
15
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
03
69
12
15
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
03
69
12
15
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
FREQUENCY (GHz)
-2
-1
0
1
2
0
4
8
12
16
20
24
28
32
0.1 GHz
4 GHz
8 GHz
13 GHz
ATTENUATION STATE (dB)
-2
-1
0
1
2
03
69
12
15
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
FREQUENCY (GHz)
-20
0
20
40
60
80
100
03
69
12
15
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
FREQUENCY (GHz)
HMC424
v06.0809
0.5dB LSB GaAs MMIC 6-BIT DIGITAL
ATTENUATOR, DC - 13 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com