Electronic Components Datasheet Search
  English  ▼

X  

C3D08065A Datasheet(PDF) 4 Page - Cree, Inc

Part # C3D08065A
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3D08065A Datasheet(HTML) 4 Page - Cree, Inc

  C3D08065A Datasheet HTML 1Page - Cree, Inc C3D08065A Datasheet HTML 2Page - Cree, Inc C3D08065A Datasheet HTML 3Page - Cree, Inc C3D08065A Datasheet HTML 4Page - Cree, Inc C3D08065A Datasheet HTML 5Page - Cree, Inc C3D08065A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
C3D08065A Rev. -
T
C Case Temperature (°C)
Figure6.PowerDerating
Typical Performance
110
100
90
80
70
60
50
40
30
20
10
0
T
C Case Temperature (°C)
25
50
75
100
125
150
175
60.0
70.0
80.0
90.0
100.0
110.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
25
50
75
100
125
150
175
Tc Case Temperature (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com