Electronic Components Datasheet Search
  English  ▼

X  

C3D08065A Datasheet(PDF) 1 Page - Cree, Inc

Part # C3D08065A
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3D08065A Datasheet(HTML) 1 Page - Cree, Inc

  C3D08065A Datasheet HTML 1Page - Cree, Inc C3D08065A Datasheet HTML 2Page - Cree, Inc C3D08065A Datasheet HTML 3Page - Cree, Inc C3D08065A Datasheet HTML 4Page - Cree, Inc C3D08065A Datasheet HTML 5Page - Cree, Inc C3D08065A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Subject to change without notice.
www.cree.com
C3D08065A–Silicon Carbide Schottky Diode
Z-Rec™ RectifieR
V
RRM
= 650 V
I
F(AVG) = 8 A
Q
c
= 21 nC
Features
• 650-VoltSchottkyRectifier
• ZeroReverseRecoveryCurrent
• ZeroForwardRecoveryVoltage
• High-FrequencyOperation
• Temperature-IndependentSwitchingBehavior
• ExtremelyFastSwitching
• PositiveTemperatureCoefficientonV
F
Benefits
• ReplaceBipolarwithUnipolarRectifiers
• EssentiallyNoSwitchingLosses
• HigherEfficiency
• ReductionofHeatSinkRequirements
• ParallelDevicesWithoutThermalRunaway
Applications
• SwitchModePowerSupplies
• PowerFactorCorrection
-TypicalPFCP
out:800W-1600W
• MotorDrives
-TypicalPower:3HP-4HP
Package
TO-220-2
Maximum Ratings
Symbol
Parameter
Value Unit
Test Conditions
Note
V
RRM
RepetitivePeakReverseVoltage
650
V
V
RSM
SurgePeakReverseVoltage
650
V
V
DC
DCBlockingVoltage
650
V
I
F(AVG)
AverageForwardCurrent
8
A
T
C=150˚C,DC
I
FRM
RepetitivePeakForwardSurgeCurrent
57
36
A
T
C=25˚C,tP =10ms,HalfSineWave,D=0.3
T
C=110˚C,tP=10ms,HalfSineWave,D=0.3
I
FSM
Non-RepetitivePeakForwardSurgeCurrent
80
60
A
T
C=25˚C,tp=10mS,HalfSineWave,D=0.3
T
C=110˚C,tP=10ms,HalfSineWave,D=0.3
I
FSM
Non-RepetitivePeakForwardSurgeCurrent
220
A
T
C=25˚C,tP = 10 µs,Pulse
P
tot
PowerDissipation
100
43
W
T
C=25˚C
T
C=110˚C
T
J,Tstg
OperatingJunctionandStorageTemperature
-55 to
+175
˚C
TO-220MountingTorque
1
8.8
Nm
lbf-in
M3Screw
6-32Screw
PIN1
PIN2
CASE
Part Number
Package
Marking
C3D08065A
TO-220-2
C3D08065


Similar Part No. - C3D08065A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
291Kb / 2P
Z-RecTM Rectifiers and Zero-Recovery® Rectifiers
logo
WOLFSPEED, INC.
C3D08065A WOLFSPEED-C3D08065A Datasheet
1Mb / 9P
3rd Generation 650 V, 8 A Silicon Carbide Schottky
Rev. 6, March 2023
logo
Cree, Inc
C3D08065A CREE-C3D08065A_15 Datasheet
856Kb / 6P
Silicon Carbide Schottky Diode
More results

Similar Description - C3D08065A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
logo
Cree, Inc
C3D10065A CREE-C3D10065A Datasheet
773Kb / 6P
Silicon Carbide Schottky Diode
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com