Electronic Components Datasheet Search
  English  ▼

X  

CXA2011 Datasheet(PDF) 3 Page - Cree, Inc

Part # CXA2011
Description  Cree® XLamp® CXA2011 LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011 Datasheet(HTML) 3 Page - Cree, Inc

  CXA2011 Datasheet HTML 1Page - Cree, Inc CXA2011 Datasheet HTML 2Page - Cree, Inc CXA2011 Datasheet HTML 3Page - Cree, Inc CXA2011 Datasheet HTML 4Page - Cree, Inc CXA2011 Datasheet HTML 5Page - Cree, Inc CXA2011 Datasheet HTML 6Page - Cree, Inc CXA2011 Datasheet HTML 7Page - Cree, Inc CXA2011 Datasheet HTML 8Page - Cree, Inc CXA2011 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
XLamp CXa2011 LED
color
cct
range
Base order codes
min luminous flux (lm)
@ 270 ma, 85°c
chromaticity regions
order code
Group
flux (lm)
aNSI white
5000K
H0
900
3a0, 3B0, 3C0, 3D0
CXA2011-0000-000P00H00E3
J0
1040
CXA2011-0000-000P00J00E3
4000K
G0
780
5a0, 5B0, 5C0, 5D0
CXa2011-0000-000p00G00e5
H0
900
CXA2011-0000-000P00H00E5
3500K
G0
780
6a0, 6B0, 6C0, 6D0
CXa2011-0000-000p00G00e6
H0
900
CXA2011-0000-000P00H00E6
3000K
G0
780
7a0, 7B0, 7C0, 7D0
CXa2011-0000-000p00G00e7
H0
900
CXA2011-0000-000P00H00E7
2700K
F0
680
8A0, 8B0, 8C0, 8D0
CXA2011-0000-000P00F00E8
G0
780
CXA2011-0000-000P00G00E8
Notes:
•
Cree maintains a tolerance of ±7% on flux and power measurements and a tolerance of ±2 on CRI measurements.
•
Minimum CRI for chromaticity kits 0E8, 0E7 is 80.
•
Minimum CRI for chromaticity kit 0E6 is 77 and typical CRI for is 80.
•
minimum CRI for chromaticity kits 0e5, 0e3 is 70 and typical CRI is 75.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com