Electronic Components Datasheet Search
  English  ▼

X  

CXA2011 Datasheet(PDF) 1 Page - Cree, Inc

Part # CXA2011
Description  Cree® XLamp® CXA2011 LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011 Datasheet(HTML) 1 Page - Cree, Inc

  CXA2011 Datasheet HTML 1Page - Cree, Inc CXA2011 Datasheet HTML 2Page - Cree, Inc CXA2011 Datasheet HTML 3Page - Cree, Inc CXA2011 Datasheet HTML 4Page - Cree, Inc CXA2011 Datasheet HTML 5Page - Cree, Inc CXA2011 Datasheet HTML 6Page - Cree, Inc CXA2011 Datasheet HTML 7Page - Cree, Inc CXA2011 Datasheet HTML 8Page - Cree, Inc CXA2011 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product family data sheet
Copyright © 2011 Cree, Inc. all rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo
and XLamp are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USa Tel: +1.919.313.5300
cree
® Xlamp® cXa2011 led
Product descriPtion
The Cree XLamp CXa2011 LeD
brings lighting-class reliability and
performance to easy-to-use LeD
arrays. The XLamp CXa2011 ex-
pands Cree’s lighting-class leader-
ship to multi-die, high flux arrays.
with XLamp lighting-class reliabil-
ity, a wide viewing angle, uniform
light output, and industry-leading
chromaticity binning in a 16 mm
diameter optical source, the XLamp
CXa2011 LeD continues Cree’s his-
tory of segment-focused product
innovation in LeDs for lighting ap-
plications.
The XLamp CXa2011 LeD brings
high performance and a smooth
look to a wide range of lighting ap-
plications, including downlighting,
recessed fixtures, can lights and
retrofit bulbs.
features
• Available in ANSI white bins
as well as 4-step and 2-step
easywhite bins at 2,700K,
3,000K, 3,500K, 4,000K, 5000K
CCT
• Forward Voltage: 40 V
• 85°C binning and characteriza-
tion
• NEMA SSL-3 2011 standard flux
bins
• Max drive current: 1000 mA
• 120° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• Thermocouple attach point
• Screw down attachment
• RoHS and REACH-compliant
• Unlimited shelf life at
≤ 30°C/85% RH
taBle of contents
Characteristics .............................. 2
Flux Characteristics, Standard Order
Codes and Bins ............................. 2
Relative Spectral power
Distribution................................... 4
Relative Luminous Flux vs. Junction
Temperature ................................. 4
electrical Characteristics................. 5
Relative Luminous Flux vs. Current .. 5
Relative Chromaticity vs. Current and
Temperature ................................. 6
Typical Spatial Distribution.............. 7
performance Groups -
Brightness ................................ 7
performance Groups -
Chromaticity ............................. 8
Cree easywhite Bins plotted on the
1931 CIe Color Space .................... 9
Bin and Order Code Formats ..........10
Cree aNSI white Bins plotted on the
1931 CIe Color Space ...................10
Notes..........................................11
mechanical Dimensions..................11
packaging....................................12


Similar Part No. - CXA2011

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
Cree® XLamp® CXA2011 LED
REV 0
CXA2011 CREE-CXA2011 Datasheet
1Mb / 14P
Cree XLamp CXA2011 LED
Rev 5A
CXA2011-0000-000P00F00E8 CREE-CXA2011-0000-000P00F00E8 Datasheet
1Mb / 14P
Cree XLamp CXA2011 LED
Rev 5A
CXA2011-0000-000P00F027F CREE-CXA2011-0000-000P00F027F Datasheet
1Mb / 14P
Cree XLamp CXA2011 LED
Rev 5A
CXA2011-0000-000P00F027H CREE-CXA2011-0000-000P00F027H Datasheet
1Mb / 14P
Cree XLamp CXA2011 LED
Rev 5A
More results

Similar Description - CXA2011

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011 CREE-CXA2011_13 Datasheet
1Mb / 14P
Cree XLamp CXA2011 LED
Rev 5A
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
CHA0825 CREELED-CHA0825 Datasheet
1Mb / 20P
XLamp® CHA0825 LED
REV 0
CMA1303 CREELED-CMA1303 Datasheet
3Mb / 30P
XLamp® CMA1303 LED
REV 2
CMB1304 CREELED-CMB1304 Datasheet
1Mb / 31P
XLamp® CMB1304 LED
REV 0
CMB1507 CREELED-CMB1507 Datasheet
1Mb / 26P
XLamp® CMB1507 LED
REV 0
CMB1818 CREELED-CMB1818 Datasheet
1Mb / 20P
XLamp® CMB1818 LED
REV 0
CXB1304 CREELED-CXB1304 Datasheet
3Mb / 34P
XLamp® CXB1304 LED
REV 9A
CXB1512 CREELED-CXB1512 Datasheet
2Mb / 27P
XLamp® CXB1512 LED
REV 9A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com