Electronic Components Datasheet Search
  English  ▼

X  

HMC455LP3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC455LP3
Description  InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC455LP3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC455LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 237
ACPR vs. Supply Voltage @ 1.96 GHz
CDMA 2000, 9 Channels Forward
ACPR vs. Supply Voltage @ 2.14 GHz
W-CDMA, 64 DPCH
Absolute Maximum Ratings
Collector Bias Voltage (Vcc)
+6.0 Vdc
RF Input Power (RFIN)(Vs = +5Vdc)
+25 dBm
Junction Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 16 mW/°C above 85 °C)
1.04 W
Thermal Resistance
(junction to ground paddle)
63 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
HMC455LP3 / 455LP3E
InGaP HBT ½ Watt High IP3
AMPLIFIER, 1.7 - 2.5 GHz
v02.0605
-65
-60
-55
-50
-45
-40
5
7
9
11
13
15
17
19
21
Channel Output Power (dBm)
Source ACPR
CDMA2000 Rev. 8
Frequency: 1.96 GHz
Integration BW: 1.228 MHz
Forward Link, SR1, 9 Channels
5.5V
4.5V
5V
-65
-60
-55
-50
-45
-40
-35
-30
5
7
9
11
13
15
17
19
21
Channel Output Power (dBm)
Source ACPR
WCDMA
Frequency : 2.14 GHz
Integration BW: 3.84 MHz
64 DPCH
4.5V
5V
5.5V
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Application Circuit
Recommended Component Values
L1
8.2 nH
C1
2.2 µF
C2, C3
3.0 pF
C4
0.9 pF
C5
100 pF
Data shown is tuned for 1.85 - 2.2 GHz, contact HMC
Applications for recommended 1.7 - 1.85 GHz & 2.2 - 2.5 GHz tuning circuits.
TL1
TL2
TL3
TL4
Impedance
50 Ohm
50 Ohm
50 Ohm
50 Ohm
Physical Length
0.33”
0.18”
0.13”
0.04”
Electrical Length
34°
19°
13.5°
4°
PCB Material: 10 mil Rogers 4350, Er = 3.48



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com