Electronic Components Datasheet Search
  English  ▼

X  

HMC459 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC459
Description  GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC459 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC459 Datasheet HTML 1Page - Hittite Microwave Corporation HMC459 Datasheet HTML 2Page - Hittite Microwave Corporation HMC459 Datasheet HTML 3Page - Hittite Microwave Corporation HMC459 Datasheet HTML 4Page - Hittite Microwave Corporation HMC459 Datasheet HTML 5Page - Hittite Microwave Corporation HMC459 Datasheet HTML 6Page - Hittite Microwave Corporation HMC459 Datasheet HTML 7Page - Hittite Microwave Corporation HMC459 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
3 - 28
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC459
GaAs PHEMT MMIC
POWER AMPLIFIER, DC - 18 GHz
v01.1007
General Description
Features
Functional Diagram
The HMC459 is a GaAs MMIC PHEMT Distributed
Power Amplifier die which operates between DC
and 18 GHz. The amplifier provides 17 dB of gain,
+31.5 dBm output IP3 and +25 dBm of output power
at 1 dB gain compression while requiring 290 mA
from a +8V supply. Gain flatness is good making the
HMC459 ideal for EW, ECM and radar driver amplifier
applications. The HMC459 amplifier I/O’s are inter-
nally matched to 50 Ohms facilitating easy integration
into Multi-Chip-Modules (MCMs). All data is with the
chip in a 50 Ohm test fixture connected via 0.025mm
(1 mil) diameter wire bonds of minimal length 0.31mm
(12 mils).
P1dB Output Power: +25 dBm
Gain: 17 dB
Output IP3: +31.5 dBm
Supply Voltage: +8V @ 290 mA
50 Ohm Matched Input/Output
Die Size: 3.12 x 1.63 x 0.1 mm
Typical Applications
The HMC459 wideband driver is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
Electrical Specifications, T
A = +25° C, Vdd= 8V, Vgg2= 3V, Idd= 290 mA*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min
Typ
Max
Units
Frequency Range
DC - 2.0
DC - 6.0
DC - 10.0
DC - 18.0
GHz
Gain
16.5
18.5
15
18
14
17
9
12
dB
Gain Flatness
±0.5
±0.75
±0.75
dB
Gain Variation Over Temperature
0.02
0.03
0.02
0.03
0.03
0.04
0.035
0.045
dB/ °C
Input Return Loss
22
19.5
19
10
dB
Output Return Loss
27
15
14
14
dB
Output Power for 1 dB
Compression (P1dB)
21
24
20.5
24.5
22
25
14
17
dBm
Saturated Output Power (Psat)
26.5
26.5
26.5
21
dBm
Output Third Order Intercept
(IP3)
40
34
31.5
26
dBm
Noise Figure
4.0
4.0
3.0
6.5
dB
Supply Current
(Idd) (Vdd= 8V, Vgg1= -0.5V Typ.)
290
290
290
290
mA
* Adjust Vgg1 between -2 to 0V to achieve Idd= 290 mA typical.


Similar Part No. - HMC459

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC459 HITTITE-HMC459 Datasheet
258Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18.0 GHz
HMC459 HITTITE-HMC459 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
logo
Micross Components
HMC459 MICROSS-HMC459 Datasheet
923Kb / 11P
Telecom Infrastructure
logo
Analog Devices
HMC459 AD-HMC459 Datasheet
397Kb / 8P
Telecom Infrastructure
logo
Hittite Microwave Corpo...
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
More results

Similar Description - HMC459

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC459 HITTITE-HMC459 Datasheet
258Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18.0 GHz
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC659 HITTITE-HMC659 Datasheet
320Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
HMC619 HITTITE-HMC619_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC659 HITTITE-HMC659_09 Datasheet
296Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC659LC5 HITTITE-HMC659LC5 Datasheet
293Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com