Electronic Components Datasheet Search
  English  ▼

X  

HMC459 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC459
Description  GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC459 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC459 Datasheet HTML 1Page - Hittite Microwave Corporation HMC459 Datasheet HTML 2Page - Hittite Microwave Corporation HMC459 Datasheet HTML 3Page - Hittite Microwave Corporation HMC459 Datasheet HTML 4Page - Hittite Microwave Corporation HMC459 Datasheet HTML 5Page - Hittite Microwave Corporation HMC459 Datasheet HTML 6Page - Hittite Microwave Corporation HMC459 Datasheet HTML 7Page - Hittite Microwave Corporation HMC459 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3
3 - 29
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output Return Loss vs. Temperature
Gain & Return Loss
Gain vs. Temperature
Input Return Loss vs. Temperature
Noise Figure vs. Temperature
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
2
4
6
8
10
12
14
16
18
20
S21
S11
S22
FREQUENCY (GHz)
8
10
12
14
16
18
20
22
0
2
4
6
8
10
12
14
16
18
20
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
04
8
12
16
20
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
04
8
12
16
20
+25 C
+85 C
-55 C
FREQUENCY (GHz)
0
2
4
6
8
10
04
8
12
16
20
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
10
20
30
0.00001
0.0001
0.001
0.01
0.1
1
10
S21
S11
S22
FREQUENCY (GHz)
Low Frequency Gain & Return Loss
HMC459
v01.1007
GaAs PHEMT MMIC
POWER AMPLIFIER, DC - 18 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com