Electronic Components Datasheet Search
  English  ▼

X  

HMC462LP5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC462LP5
Description  GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC462LP5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC462LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC462LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC462LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC462LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC462LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC462LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
HMC462LP5 / 462LP5E
GaAs pHEMT MMIC
LOW NOISE AMPLIFIER, 2 - 20 GHz
v04.1010
General Description
Features
Functional Diagram
The HMC462LP5 & HMC462LP5E are GaAs MMIC
pHEMT Low Noise Distributed Amplifiers in leadless
5x5 mm surface mount packages which operate
between 2 and 20 GHz. The self-biased amplifier
provides 13 dB of gain, 2.5 to 3.5 dB noise figure and
+14.5 dBm of output power at 1 dB gain compression
while requiring only 66 mA from a single +5V supply.
Gain flatness is excellent from 6 - 18 GHz making
the HMC462LP5 & HMC462LP5E ideal for EW,
ECM RADAR and test equipment applications. The
wideband amplifier I/Os are internally matched to 50
Ohms and are internally DC blocked.
Noise Figure: 2.5 dB @ 10 GHz
Gain: 13 dB
P1dB Output Power: +14.5 dBm @ 10 GHz
Self-Biased: +5V @ 66mA
50 Ohm Matched Input/Output
25 mm2 Leadless SMT Package
Typical Applications
The HMC462LP5 / HMC462LP5E Wideband LNA is
ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military EW, ECM & C3I
• Test Instrumentation
• Fiber Optics
Electrical Specifications, T
A = +25° C, Vdd= 5V
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
2 - 6
6 - 14
14 - 20
GHz
Gain
12
14
11
13
10
12
dB
Gain Flatness
±0.5
±0.5
±0.5
dB
Gain Variation Over Temperature
0.015
0.025
0.02
0.03
0.03
0.04
dB/ °C
Noise Figure
3.0
4.0
2.5
4.0
4.0
6.0
dB
Input Return Loss
15
13
11
dB
Output Return Loss
12
12
8
dB
Output Power for 1 dB Compression (P1dB)
12
15
11
14
9
12
dBm
Saturated Output Power (Psat)
17
16
15
dBm
Output Third Order Intercept (IP3)
26
25
22
dBm
Supply Current
(Idd) (Vdd= 5V)
66
85
66
85
66
85
mA


Similar Part No. - HMC462LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC462LP5 HITTITE-HMC462LP5 Datasheet
289Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC462LP5E AD-HMC462LP5E Datasheet
375Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results

Similar Description - HMC462LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC518 HITTITE-HMC518 Datasheet
321Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC463LH250 HITTITE-HMC463LH250 Datasheet
350Kb / 6P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC460LC5 HITTITE-HMC460LC5 Datasheet
271Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460 HITTITE-HMC460_10 Datasheet
655Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460LC5 HITTITE-HMC460LC5_10 Datasheet
1,014Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC462 HITTITE-HMC462_10 Datasheet
533Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC463 HITTITE-HMC463_10 Datasheet
310Kb / 8P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LH250 HITTITE-HMC463LH250_10 Datasheet
262Kb / 6P
GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LP5 HITTITE-HMC463LP5_11 Datasheet
734Kb / 8P
GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com