Electronic Components Datasheet Search
  English  ▼

X  

HMC462LP5 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC462LP5
Description  GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC462LP5 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC462LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC462LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC462LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC462LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC462LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC462LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 3
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
Gain, Power, Noise Figure & Supply
Current vs. Supply Voltage @ 10 GHz
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+9 Vdc
RF Input Power (RFIN)(Vdd = +5 Vdc)
+18 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 50 mW/°C above 85 °C)
3.25 W
Thermal Resistance
(channel to ground paddle)
52 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vdd (V)
Idd (mA)
+4.5
66
+5.0
67
+5.5
68
+7.5
71
+8.0
72
+8.5
73
Typical Supply Current vs. Vdd
5
8
11
14
17
20
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
5
8
11
14
17
20
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
15
18
21
24
27
30
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
50
52
54
56
58
60
62
64
66
68
70
72
4.5
5
5.5
Gain
P1dB
Noise Figure
Idd
Vdd (V)
HMC462LP5 / 462LP5E
GaAs pHEMT MMIC
LOW NOISE AMPLIFIER, 2 - 20 GHz
v04.1010
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com