Electronic Components Datasheet Search
  English  ▼

X  

HMC463LP5 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC463LP5
Description  GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC463LP5 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC463LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 5
part Number
package Body material
lead finish
msl rating
package marking [3]
HmC463lp5
low stress injection molded plastic
sn/pb solder
msl1
[1]
H463
XXXX
HmC463lp5e
roHs-compliant low stress injection molded plastic
100% matte sn
msl1
[2]
H463
XXXX
[1] max peak reflow temperature of 235 °C
[2] max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC463LP5 / 463LP5E
v08.0511
GaAs pHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2 - 20 GHz
Outline Drawing
NoTes:
1. leADfrAme mATeriAl: Copper AlloY
2. DimeNsioNs Are iN iNCHes [millimeTers]
3. leAD spACiNG TolerANCe is NoN-CUmUlATiVe.
4. pAD BUrr leNGTH sHAll Be 0.15 mm mAXimUm.
pAD BUrr HeiGHT sHAll Be 0.05 mm mAXimUm.
5. pACKAGe wArp sHAll NoT eXCeeD 0.05 mm.
6. All GroUND leADs AND GroUND pADDle mUsT Be
solDereD To pCB rf GroUND.
7. refer To HiTTiTe AppliCATioN NoTe for sUGGesTeD
lAND pATTerN.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com